전자부품 데이터시트 검색엔진 |
|
LM158AHRQMLV 데이터시트(PDF) 6 Page - Texas Instruments |
|
|
LM158AHRQMLV 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 30 page LM158QML SNOSAP3F – JULY 2005 – REVISED MARCH 2013 www.ti.com LM158A Electrical Characteristics SMD 5962–8771002, High Dose Rate DC Parameters The following conditions apply, unless otherwise specified. All voltages referenced to device ground. Sub- Parameter Test Conditions Notes Min Max Units groups ICC Power Supply Current +VCC = 5V, RL = 100K, 1.2 mA 1, 2, 3 VO = 1.4V +VCC = 30V, RL = 100K, 3.0 mA 1 VO = 1.4V 4.0 mA 2, 3 VOH Output Voltage High +VCC = 30V, RL = 2KΩ 26 V 1, 2, 3 +VCC = 30V, RL = 10KΩ 27 V 1, 2, 3 VOL Output Voltage Low +VCC = 30V, RL = 10KΩ 40 mV 1 100 mV 2, 3 +VCC = 30V, ISink = 1µA 40 mV 1 100 mV 2, 3 +VCC = 5V, RL = 10KΩ 40 mV 1 100 mV 2, 3 ISink Output Sink Current +VCC = 15V, VO = 200mV, 12 µA 1 +VI = 0V, -VI = +65mV +VCC = 15V, VO = 2V, 10 mA 1 +VI = 0V, -VI = +65mV 5.0 mA 2, 3 ISource Output Source Current +VCC = 15V, VO = 2V, -20 mA 1 +VI = 0V, -VI = -65mV -10 mA 2, 3 IOS Short Circuit Current +VCC = 5V, VO = 0V -60 mA 1 VIO Input Offset Voltage +VCC = 30V, VCM = 0V, -2.0 2.0 mV 1 RS = 50Ω, VO = 1.4V -4.0 4.0 mV 2, 3 +VCC = 30V, VCM = 28.5V, -2.0 2.0 mV 1 RS = 50Ω, VO = 1.4V +VCC = 30V, VCM = 28V, -4.0 4.0 mV 2, 3 RS = 50Ω, VO = 1.4V +VCC = 5V, VCM = 0V, -2.0 2.0 mV 1 RS = 50Ω, VO = 1.4V -4.0 4.0 mV 2, 3 CMRR Common Mode Rejection Ratio +VCC = 30V, RS = 50Ω 70 dB 1 VI = 0V to 28.5V, ±IIB Input BIas Current +VCC = 5V, VCM = 0V See(1) -50 -1.0 nA 1 See(1) -100 -1.0 nA 2, 3 IIO Input Offset Current +VCC = 5V, VCM = 0V -10 10 nA 1 -30 30 nA 2, 3 PSRR Power Supply Rejection Ratio +VCC = 5V to 30V, 65 dB 1 VCM = 0V VCM Common Mode Voltage Range +VCC = 30V See(2) (3) 28.5 V 1 See(2) (3) 28.0 V 2, 3 VDiff Differential Input Voltage See (4) 32 V 1, 2, 3 AVS Large Signal Gain +VCC = 15V, RL = 2KΩ, 50 V/mV 4 VO = 1V to 11V 25 V/mV 5, 6 (1) The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant, independent of the state of the output so no loading change exists on the input lines. (2) The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3V (at 25°C). The upper end of the common-mode voltage range is V+ −1.5V (at 25°C), but either or both inputs can go to +32V without damage, independent of the magnitude of V+. (3) Specified by input offset voltage. (4) Specified parameter not tested. 6 Submit Documentation Feedback Copyright © 2005–2013, Texas Instruments Incorporated Product Folder Links: LM158QML |
유사한 부품 번호 - LM158AHRQMLV |
|
유사한 설명 - LM158AHRQMLV |