전자부품 데이터시트 검색엔진 |
|
LM258PE4 데이터시트(PDF) 8 Page - Texas Instruments |
|
|
LM258PE4 데이터시트(HTML) 8 Page - Texas Instruments |
8 / 32 page LM158, LM158A, LM258, LM258A LM358, LM358A, LM2904, LM2904V DUAL OPERATIONAL AMPLIFIERS SLOS068R − JUNE 1976 − REVISED JULY 2010 8 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics at specified free-air temperature, VCC = 5 V (unless otherwise noted) PARAMETER TEST CONDITIONS† T ‡ LM158A LM258A UNIT PARAMETER TEST CONDITIONS† TA‡ MIN TYP§ MAX MIN TYP§ MAX UNIT V Input offset voltage VCC = 5 V to 30 V, V V 25 °C 2 2 3 mV VIO Input offset voltage VIC = VICR(min), VO = 1.4 V Full range 4 4 mV a V IO Average temperature coefficient of input offset voltage Full range 7 15* 7 15 µV/°C I Input offset current V =14V 25 °C 2 10 2 15 nA IIO Input offset current VO = 1.4 V Full range 30 30 nA a I IO Average temperature coefficient of input offset current Full range 10 200 10 200 pA/ °C I Input bias current V =14V 25 °C −15 −50 −15 −80 nA IIB Input bias current VO = 1.4 V Full range −100 −100 nA V C Common-mode VCC =30V 25 °C 0 to VCC − 1.5 0 to VCC − 1.5 V VICR Common mode input voltage range VCC = 30 V Full range 0 to VCC − 2 0 to VCC − 2 V High level RL ≥ 2 kΩ 25 °C VCC − 1.5 VCC − 1.5 VOH High-level output voltage V =30V RL = 2 kΩ Full range 26 26 V VOH output voltage VCC = 30 V RL ≥ 10 kΩ Full range 27 28 27 28 V VOL Low-level output voltage RL ≤ 10 kΩ Full range 5 20 5 20 mV A Large-signal differential VCC = 15 V, V 1Vto11V 25 °C 50 100 50 100 V/mV AVD differential voltage amplification VO = 1 V to 11 V, RL ≥ 2 kΩ Full range 25 25 V/mV CMRR Common-mode rejection ratio 25 °C 70 80 70 80 dB kSVR Supply-voltage rejection ratio ( ∆VDD/∆VIO) 25 °C 65 100 65 100 dB VO1/VO2 Crosstalk attenuation f = 1 kHz to 20 kHz 25 °C 120 120 dB VCC = 15 V, V 1V Source 25 °C −20 −30 −60 −20 −30 −60 VID = 1 V, VO = 0 Source Full range −10 −10 mA IO Output current VCC = 15 V, V 1V Sink 25 °C 10 20 10 20 mA VID = −1 V, VO = 15 Sink Full range 5 5 VID = −1 V, VO = 200 mV 25 °C 12 30 12 30 µA IOS Short-circuit output current VCC at 5 V, GND at −5 V, VO = 0 25 °C ±40 ±60 ±40 ±60 mA Supply current (two VO = 2.5 V, No load Full range 0.7 1.2 0.7 1.2 ICC Supply current (two amplifiers) VCC = MAX, VO = 0.5 V, No load Full range 1 2 1 2 mA *On products compliant to MIL-PRF-38535, this parameter is not production tested. † All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX VCC for testing purposes is 26 V for LM2904 and 30 V for others. ‡ Full range is −55 °C to 125°C for LM158A, −25°C to 85°C for LM258A, and 0°C to 70°C for LM358A. § All typical values are at TA = 25°C. |
유사한 부품 번호 - LM258PE4 |
|
유사한 설명 - LM258PE4 |