전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS36 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 SS36
상세설명  3.0 Ampere Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SS36 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  SS36 Datasheet HTML 1Page - Fairchild Semiconductor SS36 Datasheet HTML 2Page - Fairchild Semiconductor SS36 Datasheet HTML 3Page - Fairchild Semiconductor SS36 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS32 - S310, Rev. B1
Features
Metal to silicon rectifiers, majority
carrier conduction.
Low forward voltage drop.
Easy pick and place.
High surge current capability.
SS32 - S310
3.0 Ampere Schottky Barrier Rectifiers
Absolute Maximum Ratings*
T
A
= 25°C unless otherwise noted
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Value
Units
IO
Average Rectified Current
@ TA = 75
°C
3.0
A
if(surge)
Peak Forward Surge Current
8.3 ms single half-sine-wave
Superimposed on rated load (JEDEC method)
100
A
PD
Total Device Dissipation
Derate above 25
°C
2.27
18
W
mW/
°C
RθJA
Thermal Resistance, Junction to Ambient**
55
°C/W
RθJC
Thermal Resistance, Junction to Case
17
°C/W
Tstg
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
-55 to +150
°C
1999 Fairchild Semiconductor Corporation
SMC/DO-214AB
2
1
0.320 (8.128)
0.305 (7.747)
0.280 (7.112)
0.260 (6.604)
0.103 (2.616)
0.079 (2.007)
0.245 (6.223)
0.220 (5.588)
0.008 (0.203)
0.004 (0.102)
0.012 (0.305)
0.006 (0.152)
0.060 (1.524)
0.030 (0.762)
0.124 (3.150)
0.108 (2.743)
*These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
**Device mounted on FR-4 PCB 0.55 x 0.55" (14 x 14 mm).
Parameter
Device
Units
32
33
34
35
36
38
39
310
Peak Repetitive Reverse Voltage
20
30
40
50
60
80
90
100
V
Maximum RMS Voltage
1421
283542566370
V
DC Reverse Voltage (Rated VR)
20
30
40
50
60
80
90
100
V
Maximum Reverse Current TA = 25
°C
0.5
mA
@ rated VR
TA = 100
°C
20
10
mA
Maximum Forward Voltage @ 3.0 A
500
750
850
mV


유사한 부품 번호 - SS36

제조업체부품명데이터시트상세설명
logo
Guangdong Juxing Electr...
SS36 JUXING-SS36 Datasheet
923Kb / 2P
   Surface Mount Schottky Rectifiers
logo
Vishay Siliconix
SS36 VISHAY-SS36 Datasheet
1Mb / 4P
   Surface-Mount Schottky Barrier Rectifier
01-Jan-2022
logo
Zowie Technology Corpor...
SS36 ZOWIE-SS36 Datasheet
53Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SS36 DGNJDZ-SS36 Datasheet
258Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
SS36 CHENDA-SS36 Datasheet
860Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

유사한 설명 - SS36

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
1N5820 FAIRCHILD-1N5820 Datasheet
39Kb / 2P
   3.0 Ampere Schottky Barrier Rectifiers
logo
Thinki Semiconductor Co...
SS32 THINKISEMI-SS32 Datasheet
503Kb / 2P
   3.0 AMPERE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Yea Shin Technology Co....
SB1620FCT YEASHIN-SB1620FCT Datasheet
1Mb / 4P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
SS12 FAIRCHILD-SS12 Datasheet
341Kb / 6P
   1.0 Ampere Schottky Barrier Rectifiers
logo
Transys Electronics
SB120S TRSYS-SB120S Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB1620 TRSYS-SB1620 Datasheet
147Kb / 2P
   16 AMPERE SCHOTTKY BARRIER RECTIFIERS
SB820 TRSYS-SB820 Datasheet
146Kb / 2P
   8 AMPERE SCHOTTKY BARRIER RECTIFIERS
logo
Fairchild Semiconductor
MBR2535CT FAIRCHILD-MBR2535CT Datasheet
35Kb / 3P
   30 Ampere Schottky Barrier Rectifiers
logo
Surge Components
1N5820 SURGE-1N5820 Datasheet
76Kb / 2P
   3 AMPERE SCHOTTKY BARRIER RECTIFIERS VOLTAGE - 20 to 40 Volts CURRENT - 3.0 Ampere???
logo
Transys Electronics
SB120 TRSYS-SB120 Datasheet
145Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com