전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSD2009A 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 SSD2009A
상세설명  Dual N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSD2009A 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  SSD2009A Datasheet HTML 1Page - Fairchild Semiconductor SSD2009A Datasheet HTML 2Page - Fairchild Semiconductor SSD2009A Datasheet HTML 3Page - Fairchild Semiconductor SSD2009A Datasheet HTML 4Page - Fairchild Semiconductor SSD2009A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Dual N-CHANNEL
POWER MOSFET
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 3. On-Resistance vs. Drain Current
Fig 4. Source-Drain Forward Voltage
SSD2009A
02468
10
0
2
4
6
8
10
Vgs= 3V
Vgs= 10,9,8,7,6,5,4V
V
DS , Drain-Source Voltage
[V]
0
1
2345
6
0
2
4
6
8
10
150
oC
25
oC
-55
oC
V
GS , Gate-Source Voltage
[V]
5
101520
2530
0
200
400
600
800
@ Notes :
1. V
GS
= 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS , Drain-Source Voltage [V]
0.0
0.4
0.8
1.2
1.6
2.0
10
-1
10
0
10
1
150
oC
25
oC
V
SD , Source-Drain Voltage
[V]
0
4
8
12
16
20
0
2
4
6
8
10
V
DS
= 25 V
I
D
= 2.0A
Q
G , Total Gate Charge
[nC]
02468
10
0.02
0.04
0.06
0.08
0.10
0.12
0.14
V
GS
=4.5 V
V
GS
= 10 V
I
D , Drain Current
[A]


유사한 부품 번호 - SSD2009A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SSD2009A FAIRCHILD-SSD2009A Datasheet
189Kb / 5P
   Dual N-CHANNEL POWER MOSFET
SSD2009ATF FAIRCHILD-SSD2009ATF Datasheet
189Kb / 5P
   Dual N-CHANNEL POWER MOSFET
More results

유사한 설명 - SSD2009A

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
MCQ05N06 MCC-MCQ05N06 Datasheet
513Kb / 4P
   Dual N-Channel Power MOSFET
logo
Fairchild Semiconductor
SSD2009ATF FAIRCHILD-SSD2009ATF Datasheet
189Kb / 5P
   Dual N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTMFD4902NF ONSEMI-NTMFD4902NF Datasheet
109Kb / 10P
   Dual N-Channel Power MOSFET
September, 2015 ??Rev. 5
NTMFD4901NF ONSEMI-NTMFD4901NF_14 Datasheet
113Kb / 12P
   Dual N-Channel Power MOSFET
June, 2014 ??Rev. 6
logo
Fairchild Semiconductor
SSD2025 FAIRCHILD-SSD2025 Datasheet
183Kb / 5P
   Dual N-CHANNEL POWER MOSFET
logo
Micro Commercial Compon...
MCCD2005 MCC-MCCD2005 Datasheet
618Kb / 4P
   Dual N-Channel Power MOSFET
MCCD2007 MCC-MCCD2007 Datasheet
613Kb / 4P
   Dual N-Channel Power MOSFET
logo
ON Semiconductor
ENA2329 ONSEMI-ENA2329 Datasheet
509Kb / 6P
   Dual N-Channel Power MOSFET
July, 2014
logo
Taiwan Semiconductor Co...
TSM250N02D TSC-TSM250N02D Datasheet
251Kb / 6P
   Dual N-Channel Power MOSFET
logo
ON Semiconductor
NVMFD6H846NL ONSEMI-NVMFD6H846NL Datasheet
210Kb / 7P
   MOSFET - Power, Dual N-Channel
March, 2020 ??Rev. 0
NTMFD4C20N ONSEMI-NTMFD4C20N Datasheet
165Kb / 12P
   Dual N-Channel Power MOSFET
December, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com