전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSD2025 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 SSD2025
상세설명  Dual N-CHANNEL POWER MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSD2025 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  SSD2025 Datasheet HTML 1Page - Fairchild Semiconductor SSD2025 Datasheet HTML 2Page - Fairchild Semiconductor SSD2025 Datasheet HTML 3Page - Fairchild Semiconductor SSD2025 Datasheet HTML 4Page - Fairchild Semiconductor SSD2025 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SSD2025
60
3.3
2.6
10.0
±20
2.0
1.3
- 55 to +150
8 SOIC
S
1
G
1
S
2
G
2
D
1
D
1
D
2
D
2
4
3
1
2
5
6
8
7
Top View
N -Channel MOSFET
Dual N-CHANNEL POWER MOSFET
! Lower R
DS(on)
! Improved Inductive Ruggedness
! Fast Switching Times
! Low Input Capacitance
! Extended Safe Operating Area
! Improved High Temperature Reliability
FEATURES
Absolute Maximum Ratings
Drain-to-Source Voltage
Continuous Drain Current T
A=25℃
Continuous Drain Current T
A=70℃
Drain Current-Pulsed
Gate-to-Source Voltage
Total Power Dissipation ( T
A=25℃ )
( T
A=70℃ )
Operating and Junction Storage
Temperature Range
Characteristic
Units
Symbol
I
D
P
D
A
V
A
V
DSS
V
W
Part Number
BV
DSS
R
DS(on)
I
D
SSD2025
60V
0.10
3.3A
Product Summary
V
GS
I
DM
T
J , TSTG
Thermal Resistance
Junction-to-Ambient
RθJA
℃/W
Characteristic
Max.
Units
Symbol
Typ.
--
62.5
Value
Rev. A1
D
1,D2
G
1 ,G2
S
1 ,S2
D
1,D2


유사한 부품 번호 - SSD2025

제조업체부품명데이터시트상세설명
logo
Cooper Bussmann, Inc.
SSD20 COOPER-SSD20 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
SSD20 COOPER-SSD20 Datasheet
77Kb / 3P
   Standard fuse links size E1
logo
Fairchild Semiconductor
SSD2007 FAIRCHILD-SSD2007 Datasheet
181Kb / 5P
   Dual N-CHANNEL POWER MOSFET
SSD2007A FAIRCHILD-SSD2007A Datasheet
181Kb / 5P
   Dual N-CHANNEL POWER MOSFET
SSD2009 FAIRCHILD-SSD2009 Datasheet
183Kb / 5P
   Dual N-CHANNEL POWER MOSFET
More results

유사한 설명 - SSD2025

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
MCQ05N06 MCC-MCQ05N06 Datasheet
513Kb / 4P
   Dual N-Channel Power MOSFET
logo
Fairchild Semiconductor
SSD2009ATF FAIRCHILD-SSD2009ATF Datasheet
189Kb / 5P
   Dual N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NTMFD4902NF ONSEMI-NTMFD4902NF Datasheet
109Kb / 10P
   Dual N-Channel Power MOSFET
September, 2015 ??Rev. 5
NTMFD4901NF ONSEMI-NTMFD4901NF_14 Datasheet
113Kb / 12P
   Dual N-Channel Power MOSFET
June, 2014 ??Rev. 6
logo
Micro Commercial Compon...
MCCD2005 MCC-MCCD2005 Datasheet
618Kb / 4P
   Dual N-Channel Power MOSFET
MCCD2007 MCC-MCCD2007 Datasheet
613Kb / 4P
   Dual N-Channel Power MOSFET
logo
ON Semiconductor
ENA2329 ONSEMI-ENA2329 Datasheet
509Kb / 6P
   Dual N-Channel Power MOSFET
July, 2014
logo
Taiwan Semiconductor Co...
TSM250N02D TSC-TSM250N02D Datasheet
251Kb / 6P
   Dual N-Channel Power MOSFET
logo
ON Semiconductor
NVMFD6H846NL ONSEMI-NVMFD6H846NL Datasheet
210Kb / 7P
   MOSFET - Power, Dual N-Channel
March, 2020 ??Rev. 0
NTMFD4C20N ONSEMI-NTMFD4C20N Datasheet
165Kb / 12P
   Dual N-Channel Power MOSFET
December, 2013 ??Rev. 3
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com