전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9258BCPZ-1051 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD9258BCPZ-1051
상세설명  14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9258BCPZ-1051 데이터시트(HTML) 4 Page - Analog Devices

  AD9258BCPZ-1051 Datasheet HTML 1Page - Analog Devices AD9258BCPZ-1051 Datasheet HTML 2Page - Analog Devices AD9258BCPZ-1051 Datasheet HTML 3Page - Analog Devices AD9258BCPZ-1051 Datasheet HTML 4Page - Analog Devices AD9258BCPZ-1051 Datasheet HTML 5Page - Analog Devices AD9258BCPZ-1051 Datasheet HTML 6Page - Analog Devices AD9258BCPZ-1051 Datasheet HTML 7Page - Analog Devices AD9258BCPZ-1051 Datasheet HTML 8Page - Analog Devices AD9258BCPZ-1051 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
AD9258
Rev. A | Page 4 of 44
SPECIFICATIONS
ADC DC SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference, DCS enabled, unless
otherwise noted.
Table 1.
AD9258BCPZ-80
AD9258BCPZ-105
AD9258BCPZ-125
Parameter
Temperature
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
Full
14
14
14
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Guaranteed
Offset Error
Full
±0.1
±0.5
±0.1
±0.5
±0.4
±0.65
% FSR
Gain Error
Full
±0.4
±2.5
±0.4
±2.5
±0.4
±2.5
% FSR
Differential
Nonlinearity (DNL)1
Full
±0.5
±0.5
±0.5
LSB
25°C
±0.25
±0.25
±0.25
LSB
Integral Nonlinearity
(INL)1
Full
±1.1
±1.3
±1.4
LSB
25°C
±0.55
±0.7
±0.8
LSB
MATCHING
CHARACTERISTIC
Offset Error
Full
±0.1
±0.4
±0.1
±0.4
±0.2
±0.45
% FSR
Gain Error
Full
±0.3
±1.3
±0.3
±1.3
±0.3
±1.3
% FSR
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
±2
ppm/°C
Gain Error
Full
±15
±15
±15
ppm/°C
INTERNAL VOLTAGE
REFERENCE
Output Voltage Error
(1 V Mode)
Full
±5
±12
±5
±12
±5
±12
mV
Load Regulation @
1.0 mA
Full
5
5
5
mV
INPUT REFERRED NOISE
VREF = 1.0 V
25°C
0.62
0.63
0.7
LSB
rms
ANALOG INPUT
Input Span, VREF =
1.0 V
Full
2
2
2
V p-p
Input Capacitance2
Full
8
8
8
pF
Input Common-
Mode Voltage
Full
0.9
0.9
0.9
V
REFERENCE INPUT
RESISTANCE
Full
6
6
6
POWER SUPPLIES
Supply Voltage
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
1.7
1.8
1.9
V
Supply Current
IAVDD1
Full
234
240
293
300
390
400
mA
IDRVDD1 (1.8 V
CMOS)
Full
33
43
53
mA
IDRVDD1 (1.8 V
LVDS)
Full
81
81
90
mA


유사한 부품 번호 - AD9258BCPZ-1051

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9258BCPZ-1051 AD-AD9258BCPZ-1051 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
More results

유사한 설명 - AD9258BCPZ-1051

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9258BCPZRL7-105 AD-AD9258BCPZRL7-105 Datasheet
2Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246_15 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9648 AD-AD9648 Datasheet
1Mb / 44P
   14-Bit, 125 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com