전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSI1N50B 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 SSI1N50B
상세설명  520V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

SSI1N50B 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  SSI1N50B Datasheet HTML 1Page - Fairchild Semiconductor SSI1N50B Datasheet HTML 2Page - Fairchild Semiconductor SSI1N50B Datasheet HTML 3Page - Fairchild Semiconductor SSI1N50B Datasheet HTML 4Page - Fairchild Semiconductor SSI1N50B Datasheet HTML 5Page - Fairchild Semiconductor SSI1N50B Datasheet HTML 6Page - Fairchild Semiconductor SSI1N50B Datasheet HTML 7Page - Fairchild Semiconductor SSI1N50B Datasheet HTML 8Page - Fairchild Semiconductor SSI1N50B Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Rev. C, May 2002
©2002 Fairchild Semiconductor Corporation
Dimensions in Millimeters
Package Dimensions
10.00
±0.20
10.00
±0.20
(8.00)
(4.40)
1.27
±0.10
0.80
±0.10
0.80
±0.10
(2XR0.45)
9.90
±0.20
4.50
±0.20
0.10
±0.15
2.40
±0.20
~3
°
2.54 TYP
2.54 TYP
1.30
+0.10
–0.05
0.50
+0.10
–0.05
D2-PAK
Dimensions in Millimeters


유사한 부품 번호 - SSI1N50B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SSI1N60A FAIRCHILD-SSI1N60A Datasheet
628Kb / 7P
   Advanced Power MOSFET
SSI1N60B FAIRCHILD-SSI1N60B Datasheet
607Kb / 9P
   600V N-Channel MOSFET
More results

유사한 설명 - SSI1N50B

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
SSP1N50B FAIRCHILD-SSP1N50B Datasheet
629Kb / 8P
   520V N-Channel MOSFET
SSR1N50B FAIRCHILD-SSR1N50B Datasheet
634Kb / 9P
   520V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD9N52 AOSMD-AOD9N52 Datasheet
550Kb / 6P
   520V,9A N-Channel MOSFET
logo
STMicroelectronics
STP5NK52ZD STMICROELECTRONICS-STP5NK52ZD Datasheet
396Kb / 17P
   N-channel 520V - 1.22廓 - 4.4A - TO-220 - DPAK - I2PAK - IPAK Zener-protected SuperMESH??Power MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
   P-CHANNEL MOSFET N-CHANNEL MOSFET
logo
Microsemi Corporation
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
   N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
   N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
   N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
   N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
   N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com