전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9887AKS-140 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD9887AKS-140
상세설명  Dual Interface for Flat Panel Display
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9887AKS-140 데이터시트(HTML) 1 Page - Analog Devices

  AD9887AKS-140 Datasheet HTML 1Page - Analog Devices AD9887AKS-140 Datasheet HTML 2Page - Analog Devices AD9887AKS-140 Datasheet HTML 3Page - Analog Devices AD9887AKS-140 Datasheet HTML 4Page - Analog Devices AD9887AKS-140 Datasheet HTML 5Page - Analog Devices AD9887AKS-140 Datasheet HTML 6Page - Analog Devices AD9887AKS-140 Datasheet HTML 7Page - Analog Devices AD9887AKS-140 Datasheet HTML 8Page - Analog Devices AD9887AKS-140 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
Dual Interface for
Flat Panel Display
AD9887A
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2003–2007 Analog Devices, Inc. All rights reserved.
FEATURES
Analog interface
170 MSPS maximum conversion rate
Programmable analog bandwidth
0.5 V to 1.0 V analog input range
500 ps p-p PLL clock jitter at 170 MSPS
3.3 V power supply
Full sync processing
Midscale clamping
4:2:2 output format mode
Digital interface
DVI 1.0-compatible interface
170 MHz operation (2 pixels/clock mode)
High skew tolerance of 1 full input clock
Sync detect for hot plugging
Supports high bandwidth digital content protection
APPLICATIONS
RGB graphics processing
LCD monitors and projectors
Plasma display panels
Scan converters
Microdisplays
Digital TVs
GENERAL DESCRIPTION
The AD9887A offers an analog interface receiver and a digital
visual interface (DVI) receiver integrated on a single chip,
supports high bandwidth digital content protection (HDCP),
and is software and pin-to-pin compatible with the AD9887.
Analog Interface
The complete 8-bit, 170 MSPS, monolithic analog interface is
optimized for capturing RGB graphics signals from personal
computers and workstations. Its 170 MSPS encode rate capability
and full-power analog bandwidth of 330 MHz support resolutions
of up to 1600 × 1200 (UXGA) at 60 Hz. The interface includes
a 170 MHz triple ADC with internal 1.25 V reference; a phase-
locked loop (PLL); and programmable gain, offset, and clamp
controls. The user provides only a 3.3 V power supply, analog
input, and Hsync. Three-state CMOS outputs can be powered
from 2.5 V to 3.3 V. The analog interface also offers full sync
processing for composite sync and sync-on-green (SOG) appli-
cations. The AD9887A on-chip PLL generates a pixel clock from
Hsync with output frequencies ranging from 12 MHz to 170 MHz.
PLL clock jitter is typically 500 ps p-p at 170 MSPS.
FUNCTIONAL BLOCK DIAGRAM
HSYNC
COAST
CLAMP
CKINV
CKEXT
FILT
VSYNC
SERIAL REGISTER
AND
POWER MANAGEMENT
SCL
SDA
A1
A0
DATACK
HSOUT
VSOUT
SOGOUT
Rx0+
Rx0–
Rx1+
Rx1–
Rx2+
Rx2–
RxC+
RxC–
DVI
RECEIVER
AD9887A
DIGITAL INTERFACE
SYNC
PROCESSING
AND CLOCK
GENERATION
ANALOG INTERFACE
SCDT
REFIN
DDCSCL
DDCSDA
MCL
MDA
HDCP
SOGIN
RED A
RED B
GREEN A
GREEN B
BLUE A
BLUE B
HSOUT
VSOUT
SOGOUT
DE
DATACK
REFOUT
RAIN
CLAMP
8
8
8
GAIN
CLAMP
8
8
8
BAIN
CLAMP
8
8
8
2
DATACK
2
REF
ROUTA
ROUTB
GOUTA
GOUTB
BOUTA
8
8
8
8
8
8
2
8
8
8
8
8
8
8
8
8
ROUTA
ROUTB
GOUTA
GOUTB
BOUTA
BOUTB
RTERM
DE
HSOUT
VSOUT
A/D
A/D
A/D
Figure 1.
Digital Interface
The AD9887A contains a DVI 1.0-compatible receiver and
supports resolutions up to 1600 × 1200 (UXGA) at 60 Hz. The
receiver operates with true color (24-bit) panels in one or two
pixel(s) per clock mode and features an intrapair skew tolerance
of up to one full clock cycle. With the inclusion of HDCP,
displays can receive encrypted video content. The AD9887A
allows for authentication of a video receiver, decryption of encoded
data at the receiver, and renewability of authentication during
transmission, as specified by the HDCP v1.0 protocol. Fabricated
in an advanced CMOS process, the AD9887A is provided in a
160-lead, surface-mount, plastic MQFP and is specified over the
0°C to 70°C temperature range. The AD9887A is also available
in an RoHS compliant package.


유사한 부품 번호 - AD9887AKS-140

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9887AKS-140 AD-AD9887AKS-140 Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
More results

유사한 설명 - AD9887AKS-140

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9887A AD-AD9887A_15 Datasheet
918Kb / 52P
   Dual Interface for Flat Panel Display
REV. B
AD9887 AD-AD9887 Datasheet
321Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882 Datasheet
370Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9882A AD-AD9882A_15 Datasheet
985Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9887 AD-AD9887_15 Datasheet
1Mb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882A AD-AD9882A Datasheet
984Kb / 40P
   Dual Interface for Flat Panel Displays
REV. 0
AD9882 AD-AD9882_15 Datasheet
376Kb / 36P
   Dual Interface for Flat Panel Displays
REV. A
AD9887A AD-AD9887A Datasheet
384Kb / 44P
   Dual Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
AD9886 AD-AD9886_15 Datasheet
248Kb / 32P
   Analog Interface for Flat Panel Displays
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com