전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST5771-1 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 ST5771-1
상세설명  PNP Switching Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ST5771-1 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  ST5771-1 Datasheet HTML 1Page - Fairchild Semiconductor ST5771-1 Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PNP Switching Transistor
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
OFF CHARACTERISTICS
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage*
IC = 3.0 mA, IB = 0
15
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 100
µA, I
E = 0
15
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 100
µA, IC = 0
4.5
V
V(BR)CES
Collector-Emitter Breakdown Voltage
IC = 100
µA15
V
ICBO
Collector Cutoff Current
VCB = 8.0 V, IE = 0
10
nA
ICES
Collector Cutoff Current
VCE = 8.0 V, IE = 0
VCE = 8.0 V, IE = 0, TA = 125
0C
10
5.0
nA
µA
IEBO
Emitter Cutoff Current
VEB = 4.5 V, IC = 0
1.0
µA
ON CHARACTERISTICS*
SMALL SIGNAL CHARACTERISTICS
Ccb
Collector-Base Capacitance
VCB = 5.0 V, f = 1.0 MHz
3.0
pF
Ceb
Emitter-Base Capacitance
VEB = 0.5 V, f = 1.0 MHz
3.5
pF
hfe
Small-Signal Current Gain
IC = 10 mA, VCE = 10 V,
f = 100 MHz
7.0
SWITCHING CHARACTERISTICS
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
ts
Storage Time
VCC = 3.0 V
IC = IB1 = IB2 = 1.0 mA
20
ns
ton
Turn-on Time
VCC = 1.5 V, IC = 10 mA,
15
ns
td
Delay Time
IB1 = 1.0 mA
10
ns
tr
Rise Time
15
ns
toff
Turn-off Time
VCC = 1.5 V, IC = 10 mA
20
ns
ts
Storage Time
IB1 = IB2 = 1.0 mA
20
ns
tf
Fall Time
10
ns
hFE
DC Current Gain
IC = 10 mA, VCE = 0.3 V
IC = 10 mA, VCE = 0.3 V,
TA = - 55
°C
IC = 1.0 mA, VCE = 0.5 V
IC = 50 mA, VCE = 1.0 V
30
15
30
20
150
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 1.0 mA, IB = 0.1 mA
IC = 10 mA, IB = 1.0 mA
IC = 50 mA, IB = 5.0 mA
0.15
0.18
0.6
V
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 1.0 mA, IB = 0.1 mA
IC = 10 mA, IB = 1.0 mA
IC = 50 mA, IB = 5.0 mA
0.8
0.8
0.95
1.5
V
V
V


유사한 부품 번호 - ST5771-1

제조업체부품명데이터시트상세설명
logo
Coilcraft lnc.
ST573RAS COILCRAFT-ST573RAS Datasheet
431Kb / 2P
   Air Core Inductor for Critical Applications
More results

유사한 설명 - ST5771-1

제조업체부품명데이터시트상세설명
logo
AiT Semiconductor Inc.
MMBT2907AL AITSEMI-MMBT2907AL Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.3
MBT3906L AITSEMI-MBT3906L Datasheet
1Mb / 8P
   SWITCHING TRANSISTOR PNP TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
PN3640 FAIRCHILD-PN3640_01 Datasheet
454Kb / 10P
   PNP Switching Transistor
logo
NXP Semiconductors
PZT4403 PHILIPS-PZT4403 Datasheet
62Kb / 8P
   PNP switching transistor
1999 May 10
PMBT4403215 NXP-PMBT4403215 Datasheet
128Kb / 7P
   PNP switching transistor
2004 Jan 21
logo
Guangdong Kexin Industr...
PXT2907A KEXIN-PXT2907A Datasheet
59Kb / 2P
   PNP Switching Transistor
logo
Chenmko Enterprise Co. ...
CHT2907ZPT CHENMKO-CHT2907ZPT Datasheet
157Kb / 6P
   PNP Switching Transistor
logo
Guangdong Kexin Industr...
BSR18A KEXIN-BSR18A Datasheet
45Kb / 2P
   PNP Switching Transistor
logo
NXP Semiconductors
PMSS3906 PHILIPS-PMSS3906 Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
PMST2907A PHILIPS-PMST2907A Datasheet
45Kb / 8P
   PNP switching transistor
1999 Apr 22
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com