전자부품 데이터시트 검색엔진 |
|
AD630AR 데이터시트(PDF) 4 Page - Analog Devices |
|
AD630AR 데이터시트(HTML) 4 Page - Analog Devices |
4 / 13 page REV. E AD630 –3– THERMAL CHARACTERISTICS JC JA 20-Lead PDIP (N) 24 °C/W 61 °C/W 20-Lead Ceramic DIP (D) 35 °C/W 120 °C/W 20-Lead Leadless Chip Carrier LCC (E) 35 °C/W 120 °C/W 20-Lead SOIC (R-20) 38 °C/W 75 °C/W ABSOLUTE MAXIMUM RATINGS Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±18 V Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . 600 mW Output Short-Circuit to Ground . . . . . . . . . . . . . . . Indefinite Storage Temperature, Ceramic Package . . . –65 °C to +150°C Storage Temperature, Plastic Package . . . . . –55 °C to +125°C Lead Temperature Range (Soldering, 10 sec) . . . . . . . . 300 °C Maximum Junction Temperature . . . . . . . . . . . . . . . . . 150 °C PIN CONFIGURATIONS 20-Lead SOIC, PDIP, and CERDIP 14 13 12 11 17 16 15 20 19 18 10 9 8 1 2 3 4 7 6 5 TOP VIEW (Not to Scale) AD630 RINA RINB CH B+ CH B– CH A– CH A+ DIFF OFF ADJ DIFF OFF ADJ RB RF RA CM OFF ADJ CM OFF ADJ –VS SEL B SEL A +VS COMP VOUT CHANNEL STATUS B/ A 20-Terminal CLCC 20 19 1 2 3 18 14 15 16 17 4 5 6 7 8 910 11 12 13 TOP VIEW (Not to Scale) AD630 DIFF OFF ADJ CM OFF ADJ CM OFF ADJ CHANNEL STATUS B/A –VS CH B+ RINB RA RF RB ORDERING GUIDE Model Temperature Ranges Package Description Package Option AD630JN 0 °C to 70°C PDIP N-20 AD630KN 0 °C to 70°C PDIP N-20 AD630AR –25 °C to +85°C SOIC R-20 AD630AR-REEL –25 °C to +85°CSOIC 13" Tape and Reel R-20 AD630AD –25 °C to +85°C SBDIP D-20 AD630BD –25 °C to +85°C SBDIP D-20 AD630SD –55 °C to +125°C SBDIP D-20 AD630SD/883B –55 °C to +125°C SBDIP D-20 5962-8980701RA –55 °C to +125°C SBDIP D-20 AD630SE/883B –55 °C to +125°C CLCC E-20A 5962-89807012A –55 °C to +125°C CLCC E-20A AD630JCHIPS 0 °C to 70°C Chip AD630SCHIPS –55 °C to +125°C Chip CHIP METALLIZATION AND PINOUT Dimensions shown in inches and (millimeters). Contact factory for latest dimensions. CHIP AVAILABILITY The AD630 is available in laser trimmed, passivated chip form. The figure above shows the AD630 metallization pattern, bonding pads and dimensions. AD630 chips are available; con- sult factory for details. CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although the AD630 features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
유사한 부품 번호 - AD630AR |
|
유사한 설명 - AD630AR |