전자부품 데이터시트 검색엔진 |
|
AD5232BRUZ10 데이터시트(PDF) 11 Page - Analog Devices |
|
AD5232BRUZ10 데이터시트(HTML) 11 Page - Analog Devices |
11 / 24 page Data Sheet AD5232 Rev. C | Page 11 of 24 0 –6 –12 –18 –24 –30 –36 –42 –48 –54 –60 1k 10k 100k 1M FREQUENCY (Hz) RAB = 10kΩ 0x80 0x40 0x20 0x10 0x08 0x04 0x02 0x01 VDD = +2.7V VSS = –2.7V VA = 100mV rms TA = 25°C VA Figure 17. Gain vs. Frequency vs. Code, RAB = 10 kΩ 0 –6 –12 –18 –24 –30 –36 –42 –48 –54 –60 1k 10k 100k 1M FREQUENCY (Hz) RAB = 50kΩ VDD = +2.7V VSS = –2.7V VA = 100mV rms TA = 25°C VA 0x80 0x40 0x20 0x10 0x08 0x04 0x02 0x01 Figure 18. Gain vs. Frequency vs. Code, RAB = 50 kΩ 0 –6 –12 –18 –24 –30 –36 –42 –48 –54 –60 1k 10k 100k 1M FREQUENCY (Hz) RAB = 100kΩ VDD = +2.7V VSS = –2.7V VA = 100mV rms TA = 25°C VA 0x80 0x40 0x20 0x10 0x08 0x04 0x02 0x01 Figure 19. Gain vs. Frequency vs. Code, RAB = 100 kΩ 80 60 40 20 0 1k 10k 100k 1M FREQUENCY (Hz) RAB = 100kΩ RAB = 10kΩ RAB = 50kΩ VDD = 5.5V ± 100mV AC VSS = 0V VB = 5V VA = 0V MEASURE AT VW WITH CODE = 0x80 TA = 25°C Figure 20. PSRR vs. Frequency 120 100 80 60 40 20 1 10 100 FREQUENCY (kHz) RAB = 100kΩ RAB = 10kΩ RAB = 50kΩ VDD = VA2 = +2.75V VSS = VB2 = –2.75V VIN = +5V P-P TA = 25°C Figure 21. Analog Crosstalk vs. Frequency (See Figure 31) |
유사한 부품 번호 - AD5232BRUZ10 |
|
유사한 설명 - AD5232BRUZ10 |