전자부품 데이터시트 검색엔진 |
|
AD7475BRM-REEL7 데이터시트(PDF) 6 Page - Analog Devices |
|
AD7475BRM-REEL7 데이터시트(HTML) 6 Page - Analog Devices |
6 / 24 page AD7475/AD7495 Rev. B | Page 6 of 24 Parameter A Version1 B Version1 Unit Test Conditions/Comments POWER REQUIREMENTS VDD 2.7/5.25 2.7/5.25 V min/max VDRIVE 2.7/5.25 2.7/5.25 V min/max IDD Digital inputs = 0 V or VDRIVE Normal Mode (Static) 1 1 mA typ VDD = 2.7 V to 5.25 V, SCLK on or off Normal Mode (Operational) 2.6 2.6 mA max VDD = 4.75 V to 5.25 V, fSAMPLE = 1 MSPS 2 2 mA max VDD = 2.7 V to 3.6 V, fSAMPLE = 1 MSPS Partial Power-Down Mode 650 650 μA typ fSAMPLE = 100 kSPS Partial Power-Down Mode 230 230 μA max Static Full Power-Down Mode 1 1 μA max Static, SCLK on or off Power Dissipation3 Normal Mode (Operational) 13 13 mW max VDD = 5 V, fSAMPLE = 1 MSPS 6 6 mW max VDD = 3 V, fSAMPLE = 1 MSPS Partial Power-Down (Static) 1.15 1.15 mW max VDD = 5 V 690 690 μW max VDD = 3 V Full Power-Down 5 5 μW max VDD = 5 V 3 3 μW max VDD = 3 V 1 Temperature ranges for A, B versions: −40°C to +85°C. 2 Guaranteed by initial characterization. 3 See the Power vs. Throughput Rate section. |
유사한 부품 번호 - AD7475BRM-REEL7 |
|
유사한 설명 - AD7475BRM-REEL7 |