전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7843ARU-REEL 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD7843ARU-REEL
상세설명  Touch Screen Digitizer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7843ARU-REEL 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD7843ARU-REEL Datasheet HTML 3Page - Analog Devices AD7843ARU-REEL Datasheet HTML 4Page - Analog Devices AD7843ARU-REEL Datasheet HTML 5Page - Analog Devices AD7843ARU-REEL Datasheet HTML 6Page - Analog Devices AD7843ARU-REEL Datasheet HTML 7Page - Analog Devices AD7843ARU-REEL Datasheet HTML 8Page - Analog Devices AD7843ARU-REEL Datasheet HTML 9Page - Analog Devices AD7843ARU-REEL Datasheet HTML 10Page - Analog Devices AD7843ARU-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AD7843
Rev. B | Page 6 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
10
8
9
11
12
13
14
15
16
AD7843
TOP VIEW
(Not to Scale)
+VCC
X+
Y+
X–
Y–
GND
IN3
IN4
DCLK
CS
DIN
BUSY
DOUT
PENIRQ
+VCC
VREF
Figure 3. Pin Configuration QSOP/TSSOP
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Function
1, 10
+VCC
Power Supply Input. The +VCC range for the AD7843 is from 2.2 V to 5.25 V. Both +VCC pins should be connected
directly together.
2
X+
X+ Position Input. ADC Input Channel 1.
3
Y+
Y+ Position Input. ADC Input Channel 2.
4
X−
X− Position Input.
5
Y−
Y− Position Input.
6
GND
Analog Ground. Ground reference point for all circuitry on the AD7843. All analog input signals and any external
reference signal should be referred to this GND voltage.
7
IN3
Auxiliary Input 1. ADC Input Channel 3.
8
IN4
Auxiliary Input 2. ADC Input Channel 4.
9
VREF
Reference Input for the AD7843. An external reference must be applied to this input. The voltage range for the
external reference is 1.0 V to +VCC. For specified performance, it is 2.5 V.
11
PENIRQ
Pen Interrupt. CMOS logic open-drain output (requires 10 kΩ to 100 kΩ pull-up register externally).
12
DOUT
Data Out. Logic Output. The conversion result from the AD7843 is provided on this output as a serial data stream.
The bits are clocked out on the falling edge of the DCLK input. This output is high impedance when CS is high.
13
BUSY
BUSY Output. Logic Output. This output is high impedance when CS is high.
14
DIN
Data In. Logic input. Data to be written to the AD7843 control register is provided on this input and is clocked into
the register on the rising edge of DCLK (see the Control Register section).
15
CS
Chip Select Input. Active Low Logic Input. This input provides the dual function of initiating conversions on the
AD7843 and also enables the serial input/output register.
16
DCLK
External Clock Input. Logic Input. DCLK provides the serial clock for accessing data from the part. This clock input
is also used as the clock source for the AD7843 conversion process.


유사한 부품 번호 - AD7843ARU-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7843ARU-REEL AD-AD7843ARU-REEL Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7843ARU-REEL AD-AD7843ARU-REEL Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843ARU-REEL7 AD-AD7843ARU-REEL7 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7843ARU-REEL7 AD-AD7843ARU-REEL7 Datasheet
304Kb / 21P
   Touch Screen Digitizer
More results

유사한 설명 - AD7843ARU-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7873 AD-AD7873_17 Datasheet
480Kb / 29P
   Touch Screen Digitizer
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com