전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7862AR-2 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7862AR-2
상세설명  Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7862AR-2 데이터시트(HTML) 4 Page - Analog Devices

  AD7862AR-2 Datasheet HTML 1Page - Analog Devices AD7862AR-2 Datasheet HTML 2Page - Analog Devices AD7862AR-2 Datasheet HTML 3Page - Analog Devices AD7862AR-2 Datasheet HTML 4Page - Analog Devices AD7862AR-2 Datasheet HTML 5Page - Analog Devices AD7862AR-2 Datasheet HTML 6Page - Analog Devices AD7862AR-2 Datasheet HTML 7Page - Analog Devices AD7862AR-2 Datasheet HTML 8Page - Analog Devices AD7862AR-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7862
–4–
REV. 0
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7862 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
TIMING CHARACTERISTICS1, 2
A, B
S
Parameter
Versions
Version
Units
Test Conditions/Comments
tCONV
3.6
3.6
µs max
Conversion Time
tACQ
0.3
0.3
us max
Acquisition Time
Parallel Interface
t1
0
0
ns min
CS
to RD Setup Time
t2
0
0
ns min
CS
to RD Hold Time
t3
35
45
ns min
CONVST
Pulse Width
t4
35
45
ns min
Read Pulse Width
t5
3
12
12
ns min
Data Access Time After Falling Edge of RD
60
70
ns max
t6
4
5
5
ns min
Bus Relinquish Time After Rising Edge of RD
30
40
ns max
t7
40
40
ns min
Time Between Consecutive Reads
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are measured with tr = tf = 1 ns (10% to 90% of +5 V) and timed from a voltage level of +1.6 V.
2 See Figure 1.
3Measured with the load circuit of Figure 2 and defined as the time required for an output to cross 0.8 V or 2.0 V.
4These times are derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then
extrapolated back to remove the effects of charging or discharging the 50 pF capacitor. This means that the times quoted in the timing characteristics are the true bus
relinquish times of the part and as such are independent of external bus loading capacitances.
Specifications subject to change without notice.
(VDD = +5 V
5%, AGND = DGND = 0 V, REF = Internal. All Specifications TMIN to TMAX unless
otherwise noted.)
VA1
VA2
VB1
VB2
t
3
t
1
t
2
t
4
t
5
t
6
t
CONV
t7
CONVST
BUSY
A0
CS
RD
DATA
.........
.........
Figure 1. Timing Diagram
+1.6V
1.6mA
200µA
50pF
TO
OUTPUT
PIN
Figure 2. Load Circuit for Access Time and Bus Relinquish Time


유사한 부품 번호 - AD7862AR-2

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7862AR-2 AD-AD7862AR-2 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AR-2 AD-AD7862AR-2 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AR-2 AD-AD7862AR-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AR-2 AD-AD7862AR-2 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862AR-2 AD-AD7862AR-2 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
More results

유사한 설명 - AD7862AR-2

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7862ARSZ-10 AD-AD7862ARSZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARZ-10 AD-AD7862ARZ-10 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_17 Datasheet
449Kb / 17P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
AD7862 AD-AD7862 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862ARSZ-2 AD-AD7862ARSZ-2 Datasheet
331Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7862 AD-AD7862_15 Datasheet
417Kb / 16P
   Simultaneous Sampling Dual 250 kSPS 12-Bit ADC
REV. 0
AD7656YSTZ AD-AD7656YSTZ Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7656 AD-AD7656 Datasheet
588Kb / 32P
   250 kSPS, 6-Channel, Simultaneous Sampling, Bipolar 16-/14-/12-Bit ADC
Rev. D
AD7863 AD-AD7863 Datasheet
1Mb / 24P
   Simultaneous Sampling Dual 175 kSPS 14-Bit ADC
REV. B
AD7658 AD-AD7658 Datasheet
313Kb / 25P
   250 kSPS, 6-Channel,Simultaneous Sampling, Bipolar 12/14/16-Bit ADC
Rev. PrI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com