전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC821ADB 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 74LVC821ADB
상세설명  10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

74LVC821ADB 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 74LVC821ADB Datasheet HTML 4Page - List of Unclassifed Manufacturers 74LVC821ADB Datasheet HTML 5Page - List of Unclassifed Manufacturers 74LVC821ADB Datasheet HTML 6Page - List of Unclassifed Manufacturers 74LVC821ADB Datasheet HTML 7Page - List of Unclassifed Manufacturers 74LVC821ADB Datasheet HTML 8Page - List of Unclassifed Manufacturers 74LVC821ADB Datasheet HTML 9Page - List of Unclassifed Manufacturers 74LVC821ADB Datasheet HTML 10Page - List of Unclassifed Manufacturers 74LVC821ADB Datasheet HTML 11Page - List of Unclassifed Manufacturers 74LVC821ADB Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
9397 750 13276
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 11 May 2004
8 of 20
Philips Semiconductors
74LVC821A
10-bit D-type flip-flop with 5 V tolerant inputs/outputs
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA; VCC = 2.7 V to 3.6 V
[2] VCC − 0.2
VCC
-V
IO = −12 mA; VCC = 2.7 V
VCC − 0.5
-
-
V
IO = −18 mA; VCC = 3.0 V
VCC − 0.6
-
-
V
IO = −24 mA; VCC = 3.0 V
VCC − 0.8
-
-
V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA; VCC = 2.7 V to 3.6 V
[2] -
GND
0.2
V
IO = 12 mA; VCC = 2.7 V
-
-
0.4
V
IO = 24 mA; VCC = 3.0 V
-
-
0.55
V
ILI
input leakage current
VI = 5.5 V or GND; VCC = 3.6 V
-
±0.1
±5
µA
IOZ
3-state output OFF-state
current
VI =VIH or VIL; VO = 5.5 V or GND;
VCC = 3.6 V
-
0.1
±5
µA
Ioff
power-off leakage supply
current
VI or VO = 5.5 V; VCC = 0 V
-
0.1
±10
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0 A;
VCC = 3.6 V
-
0.1
10
µA
∆ICC
additional quiescent supply
current per pin
VI =VCC − 0.6 V; IO = 0 A;
VCC = 2.7 V to 3.6 V
[2] -
5
500
µA
CI
input capacitance
-
5.0
-
pF
Tamb = −40 °C to +125 °C
VIH
HIGH-level input voltage
VCC = 1.2 V
VCC
--V
VCC = 2.7 V to 3.6 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 1.2 V
-
-
0
V
VCC = 2.7 V to 3.6 V
-
-
0.8
V
VOH
HIGH-level output voltage
VI =VIH or VIL
IO = −100 µA; VCC = 2.7 V to 3.6 V
VCC − 0.3
-
-
V
IO = −12 mA; VCC = 2.7 V
VCC − 0.65 -
-
V
IO = −18 mA; VCC = 3.0 V
VCC − 0.75 -
-
V
IO = −24 mA; VCC = 3.0 V
VCC − 1
--V
VOL
LOW-level output voltage
VI =VIH or VIL
IO = 100 µA; VCC = 2.7 V to 3.6 V
-
-
0.3
V
IO = 12 mA; VCC = 2.7 V
-
-
0.6
V
IO = 24 mA; VCC = 3.0 V
-
-
0.8
V
ILI
input leakage current
VI = 5.5 V or GND; VCC = 3.6 V
-
-
±20
µA
IOZ
3-state output OFF-state
current
VI =VIH or VIL; VO = 5.5 V or GND;
VCC = 3.6 V
--
±20
µA
Ioff
power-off leakage supply
current
VI or VO = 5.5 V; VCC = 0 V
-
-
±20
µA
ICC
quiescent supply current
VI =VCC or GND; IO = 0 A;
VCC = 3.6 V
--
40
µA
∆ICC
additional quiescent supply
current per pin
VI =VCC − 0.6 V; IO = 0 A;
VCC = 2.7 V to 3.6 V
-
-
5000
µA
Table 7:
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


유사한 부품 번호 - 74LVC821ADB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC821ADB PHILIPS-74LVC821ADB Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
74LVC821ADB NXP-74LVC821ADB Datasheet
147Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
More results

유사한 설명 - 74LVC821ADB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74LVC821ABQ NXP-74LVC821ABQ Datasheet
147Kb / 20P
   10-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 4-23 November 2012
74LVC821A PHILIPS-74LVC821A Datasheet
102Kb / 12P
   10-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 25
logo
Nexperia B.V. All right...
74LVC823A NEXPERIA-74LVC823A Datasheet
288Kb / 18P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 18 June 2020
74LVC823A-Q100 NEXPERIA-74LVC823A-Q100 Datasheet
239Kb / 16P
   9-bit D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC574A NEXPERIA-74LVC574A Datasheet
271Kb / 15P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
Rev. 6 - 30 August 2021
logo
NXP Semiconductors
74LVC574ABQ PHILIPS-74LVC574ABQ Datasheet
142Kb / 19P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger 3-state
Rev. 5-18 December 2012
logo
Nexperia B.V. All right...
74LVC374A-Q100 NEXPERIA-74LVC374A-Q100 Datasheet
805Kb / 18P
   Octal D-type flip-flop with 5 V tolerant inputs/outputs; positive edge-trigger; 3-state
74LVC374A NEXPERIA-74LVC374A Datasheet
271Kb / 15P
   Octal D-type flip-flop; 5 V tolerant inputs/outputs; positive-edge trigger; 3-state
Rev. 5 - 27 August 2021
logo
NXP Semiconductors
74LVC823A PHILIPS-74LVC823A Datasheet
106Kb / 12P
   9-bit D-type flip-flop with 5-volt tolerant inputs/outputs; positive-edge trigger 3-State
1998 Sep 24
74LVC374A PHILIPS-74LVC374A Datasheet
101Kb / 12P
   Octal D-type flip-flop with 5-volt tolerant inputs/outputs; positive edge-trigger 3-State
1998 Jul 29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com