전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA78L07 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TA78L07
상세설명  Bipolar Linear Integrated Circuit Silicon Monolithic
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TA78L07 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TA78L07 Datasheet HTML 1Page - Toshiba Semiconductor TA78L07 Datasheet HTML 2Page - Toshiba Semiconductor TA78L07 Datasheet HTML 3Page - Toshiba Semiconductor TA78L07 Datasheet HTML 4Page - Toshiba Semiconductor TA78L07 Datasheet HTML 5Page - Toshiba Semiconductor TA78L07 Datasheet HTML 6Page - Toshiba Semiconductor TA78L07 Datasheet HTML 7Page - Toshiba Semiconductor TA78L07 Datasheet HTML 8Page - Toshiba Semiconductor TA78L07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
TA78L05,06,07,08,09,10,12,15,18,20,24F
2009-09-30
5
TA78L07F
Electrical Characteristics
(Unless otherwise specified, VIN = 12 V, IOUT = 40 mA, CIN = 0.33 μF, COUT = 0.1 μF,
0°C
Tj 125°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
1
Tj = 25°C
6.65
7.0
7.35
V
9.2 V ≤ VIN ≤ 22 V
50
160
Line regulation
Reg·line
1
Tj = 25°C
10 V ≤ VIN ≤ 22 V
45
115
mV
1.0 mA ≤ IOUT ≤ 100 mA
13
75
Load regulation
Reg·load
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
6.0
40
mV
9.2 V ≤ VIN ≤ 22 V,
1.0 mA ≤ IOUT ≤ 40 mA
6.51
7.49
Output voltage
VOUT
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 70 mA
6.51
7.49
V
Tj = 25°C
3.1
6.5
Quiescent current
IB
1
Tj = 125°C
6.0
mA
10 V ≤ VIN ≤ 22 V
1.5
Quiescent current change
ΔIB
1
Tj = 25°C
1.0 mA ≤ IOUT ≤ 40 mA
0.1
mA
Output noise voltage
VNO
2
Ta = 25°C, 10 Hz ≤ f ≤ 100 kHz
50
μVrms
Long term stability
ΔVOUT/Δt
1
17
mV/kh
Ripple rejection ratio
R.R.
3
f = 120 Hz,
10 V ≤ VIN ≤ 20 V, Tj = 25°C
37
46
dB
Dropout voltage
VD
1
Tj = 25°C
1.7
V
Average temperature
coefficient of output voltage
TCVO
1
IOUT = 5 mA
−0.75
mV/°C


유사한 부품 번호 - TA78L07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA78L075 TOSHIBA-TA78L075 Datasheet
668Kb / 20P
   THREE TERMINAL POSIVIVE REGULATORS
TA78L075AP TOSHIBA-TA78L075AP Datasheet
668Kb / 20P
   THREE TERMINAL POSIVIVE REGULATORS
TA78L075AP TOSHIBA-TA78L075AP Datasheet
674Kb / 22P
   Three-Terminal Positive Regulators
TA78L07PF TOSHIBA-TA78L07PF Datasheet
359Kb / 13P
   3-Terminal Positive Voltage Regulators
TA78L07S TOSHIBA-TA78L07S Datasheet
424Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
More results

유사한 설명 - TA78L07

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA8496FL TOSHIBA-TA8496FL Datasheet
248Kb / 14P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA1287PG TOSHIBA-TA1287PG Datasheet
428Kb / 24P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4107F TOSHIBA-TA4107F Datasheet
102Kb / 7P
   Bipolar Linear Integrated Circuit Silicon Monolithic
TA8129Z TOSHIBA-TA8129Z Datasheet
1Mb / 27P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA4018F TOSHIBA-TA4018F Datasheet
142Kb / 8P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8428K TOSHIBA-TA8428K Datasheet
260Kb / 12P
   TOSHIBA BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC
TA8696F TOSHIBA-TA8696F Datasheet
212Kb / 12P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA4017FT TOSHIBA-TA4017FT Datasheet
94Kb / 6P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA1317AN TOSHIBA-TA1317AN Datasheet
888Kb / 59P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
TA8273H TOSHIBA-TA8273H Datasheet
249Kb / 13P
   TOSHIBA Bipolar Linear Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com