전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3842ADX 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 UC3842ADX
상세설명  SMPS Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

UC3842ADX 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  UC3842ADX Datasheet HTML 1Page - Fairchild Semiconductor UC3842ADX Datasheet HTML 2Page - Fairchild Semiconductor UC3842ADX Datasheet HTML 3Page - Fairchild Semiconductor UC3842ADX Datasheet HTML 4Page - Fairchild Semiconductor UC3842ADX Datasheet HTML 5Page - Fairchild Semiconductor UC3842ADX Datasheet HTML 6Page - Fairchild Semiconductor UC3842ADX Datasheet HTML 7Page - Fairchild Semiconductor UC3842ADX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2000 Fairchild Semiconductor International
www.fairchildsemi.com
Rev. 5.0
Features
• Low Start Current 0.2mA (typ)
• Operating Range Up To 500KHz
• Cycle by Cycle Current Limiting
• Under Voltage Lock Out With Hysteresis
• Short Shutdown Delay Time: typ.100ns
• High Current Totem-pole Output
• Output Swing Limiting: 22V
Description
The UC3842A/UC3843A are fixed PWM controller for Off-
Line and DC to DC converter applications. The internal cir-
cuits include UVLO, low start up current circuit, tempera-
ture compensated reference, high gain error amplifier,
current sensing comparator, and high current totem-pole out-
put for driving a POWER MOSFET. Also UC3842A/
UC3843A provide low start up current below 0.3mA and
short shutdown delay time typ. 100ns. The UC3842A has
UVLO threshold of 16V(on) and 10V(off). The UC3843A is
8.4V(on) and 7.6V(off). The UC3842A and UC3843A can
operate within 100% duty cycle.
8-DIP
8-SOP
1
1
Internal Block Diagram
8
+
-
7
5
SET/
RESET
5V
VREF
Internal
Bias
Good LOGIC
2
R
S
OSCILLATOR
1
3
4
T
7
6
5
UVLO
29V
22V
1/3
Error Amp
1/2VREF
1V
C.S
Comp.
PWM
LATCH
VREF
VFB
COMP
C.S
RT/CT
OUTPUT
VCC
GND
PWR
VC
PWR
GND
UC3842A/UC3843A
SMPS Controller


유사한 부품 번호 - UC3842ADX

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
UC3842AD MOTOROLA-UC3842AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
logo
ON Semiconductor
UC3842AD ONSEMI-UC3842AD Datasheet
399Kb / 14P
   HIGH PERFORMANCE CURRENT MODE CONTROLLERS
1996 REV 1
logo
Texas Instruments
UC3842AD TI-UC3842AD Datasheet
517Kb / 11P
[Old version datasheet]   Current Mode PWM Controller
logo
Microsemi Corporation
UC3842AD MICROSEMI-UC3842AD Datasheet
227Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
UC3842AD ONSEMI-UC3842AD Datasheet
359Kb / 18P
   High Performance Current Mode Controllers
November, 2005 ??Rev. 8
More results

유사한 설명 - UC3842ADX

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA7511 FAIRCHILD-KA7511 Datasheet
56Kb / 8P
   SMPS Controller
KA3843AC FAIRCHILD-KA3843AC Datasheet
47Kb / 6P
   SMPS Controller
KA3842B FAIRCHILD-KA3842B_02 Datasheet
125Kb / 10P
   SMPS Controller
logo
ARTSCHIP ELECTRONICS CO...
MC34063A ARTSCHIP-MC34063A Datasheet
334Kb / 10P
   SMPS Controller
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
127Kb / 12P
   SMPS Controller
UC3846 FAIRCHILD-UC3846 Datasheet
67Kb / 10P
   SMPS Controller
KA3525A FAIRCHILD-KA3525A Datasheet
78Kb / 5P
   SMPS CONTROLLER
KA7515 FAIRCHILD-KA7515 Datasheet
36Kb / 6P
   SMPS Controller
logo
ON Semiconductor
KA3525A ONSEMI-KA3525A Datasheet
207Kb / 8P
   SMPS Controller
Rev. 1.0.1
KA3843B ONSEMI-KA3843B Datasheet
243Kb / 12P
   SMPS Controller
Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com