전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP185 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TLP185
상세설명  Office Machine Programmable Controllers AC Adapter I/O Interface Board
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP185 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TLP185 Datasheet HTML 1Page - Toshiba Semiconductor TLP185 Datasheet HTML 2Page - Toshiba Semiconductor TLP185 Datasheet HTML 3Page - Toshiba Semiconductor TLP185 Datasheet HTML 4Page - Toshiba Semiconductor TLP185 Datasheet HTML 5Page - Toshiba Semiconductor TLP185 Datasheet HTML 6Page - Toshiba Semiconductor TLP185 Datasheet HTML 7Page - Toshiba Semiconductor TLP185 Datasheet HTML 8Page - Toshiba Semiconductor TLP185 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TLP185
2012-02-14
3
Absolute Maximum Ratings (Ta = 25°C)
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 2: Pulse width ≤ 100 μs,f=100 Hz
Note 3: Device considered a two terminal device: Pins 1 and 3 shorted together and 4 and 6 shorted together.
Recommended Operating Conditions (Note)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Supply voltage
VCC
5
48
V
Forward current
IF
16
20
mA
Collector current
IC
1
10
mA
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Forward current derating (Ta ≥ 90°C)
ΔIF / °C
-1.5
mA / °C
Pulse forward current
(Note2)
IFP
1
A
Reverse voltage
VR
5
V
Junction temperature
Tj
125
°C
Collector−emitter voltage
VCEO
80
V
Emitter−collector voltage
VECO
7
V
Collector current
IC
50
mA
Collector power dissipation
PC
150
mW
Collector power dissipation derating (Ta ≥ 25°C)
ΔPC / °C
-1.5
mW / °C
Junction temperature
Tj
125
°C
Operating temperature range
Topr
−55 to 110
°C
Storage temperature range
Tstg
−55 to 125
°C
Lead soldering temperature
Tsol
260 (10s)
°C
Total package power dissipation
PT
200
mW
Total package power dissipation derating (Ta ≥ 25°C)
ΔPT / °C
-2.0
mW / °C
Isolation voltage (AC, 1min., R.H. ≤ 60%)
(Note 3)
BVS
3750
Vrms


유사한 부품 번호 - TLP185

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
TLP185 UMW-TLP185 Datasheet
1Mb / 8P
   Collector-emitter voltage: 80 V (min)
TLP185GB-S UMW-TLP185GB-S Datasheet
1Mb / 8P
   Collector-emitter voltage: 80 V (min)
More results

유사한 설명 - TLP185

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP181F TOSHIBA-TLP181F Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181T TOSHIBA-TLP181T Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP-181 TOSHIBA-TLP-181 Datasheet
217Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP181GB-TPLFT TOSHIBA-TLP181GB-TPLFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers AC Adapter I/O Interface Board
TLP131GB TOSHIBA-TLP131GB Datasheet
175Kb / 9P
   Office Machine Programmable Controllers
TLP124BV TOSHIBA-TLP124BV Datasheet
167Kb / 8P
   Office Machine Programmable Controllers Office Machine Telecommunication
TLP181TPRFT TOSHIBA-TLP181TPRFT Datasheet
209Kb / 9P
   Office Machine Programmable Controllers
TLP121 TOSHIBA-TLP121 Datasheet
357Kb / 9P
   OFFICE MACHINE PROGRAMMABLE CONTROLLERS
TLP131 TOSHIBA-TLP131 Datasheet
182Kb / 9P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
TLP124 TOSHIBA-TLP124 Datasheet
162Kb / 8P
   Office Machine Programmable Controllers AC / DC.Input Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com