전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP700H 데이터시트(PDF) 7 Page - Toshiba Semiconductor

부품명 TLP700H
상세설명  Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP700H 데이터시트(HTML) 7 Page - Toshiba Semiconductor

Back Button TLP700H Datasheet HTML 3Page - Toshiba Semiconductor TLP700H Datasheet HTML 4Page - Toshiba Semiconductor TLP700H Datasheet HTML 5Page - Toshiba Semiconductor TLP700H Datasheet HTML 6Page - Toshiba Semiconductor TLP700H Datasheet HTML 7Page - Toshiba Semiconductor TLP700H Datasheet HTML 8Page - Toshiba Semiconductor TLP700H Datasheet HTML 9Page - Toshiba Semiconductor TLP700H Datasheet HTML 10Page - Toshiba Semiconductor TLP700H Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TLP700
2010-02-23
7
-40 -20
0
204060
80 100
0
1
2
3
4
5
tPLH, tPHL - Ta
tPLH, tPHL - VCC
tPLH, tPHL - IF
IFLH - Ta
IOPL- Ta
IOPH- Ta
Ambient Temperature Ta [°C]
Supply Voltage VCC [V]
Forward current IF [mA]
Ambient Temperature Ta [°C]
Ambient Temperature Ta [°C]
Ambient Temperature Ta [°C]
IF=5mA
-40 -20
0
204060
80 100
0
100
200
300
400
500
IF=5mA, VCC=30V
Rg=20Ω, Cg=10nF
tpHL
tpLH
15
20
25
30
0
100
200
300
400
500
tpHL
tpLH
IF=5mA, Rg=20Ω
Cg=10nF
4
6
8
10 12 14 16 18 20
0
100
200
300
400
500
VCC=30V
Rg=20Ω, Cg=10nF
VCC=15V, VO>1V
IO=0mA
-40 -20
0
204060
80 100
0
1
2
3
4
5
IOPL
MAX
IF=0mA, VCC=15V
Note 9)
V5-4=2.5V
V5-4=7.0V
tpLH
tpHL
-40 -20
0
20
40
60
80 100
-5
-4
-3
-2
-1
0
IF=5mA, VCC=15V
V6-5=-7.0V
V6-5=-3.5V
IOPH
MAX
Note 9)


유사한 부품 번호 - TLP700H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
   TOSHIBA Photocoupler GaAAs IRED Photo IC
TLP700 TOSHIBA-TLP700 Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
More results

유사한 설명 - TLP700H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP700A TOSHIBA-TLP700A Datasheet
322Kb / 17P
   Industrial inverters Inverter for air conditioners IGBT/Power MOSFET gate drive
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
   Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP250INV TOSHIBA-TLP250INV Datasheet
224Kb / 6P
   TRANSISTOR INVERTER INVERTERS FOR AIR CONDITIONER IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP350 TOSHIBA-TLP350 Datasheet
141Kb / 6P
   Inverter for Air Conditioner, IGBT/Power MOS FET Gate Drive, Industrial Inverter
TLP351 TOSHIBA-TLP351 Datasheet
241Kb / 9P
   Inverter for Air Conditioner IGBT/Power MOS FET Gate Drive Industrial Inverter
TLP250F TOSHIBA-TLP250F Datasheet
135Kb / 3P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP250 TOSHIBA-TLP250 Datasheet
334Kb / 8P
   TRANSISTOR INVERTER FOR AIR CONDITIONOR IGBT GATE DRIVE POWER MOS FET GATE DRIVE
TLP701F TOSHIBA-TLP701F Datasheet
104Kb / 2P
   Inverter for Air Conditioners
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
   Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
TLP5214 TOSHIBA-TLP5214 Datasheet
910Kb / 20P
   Isolated IGBT/Power MOSFET gate drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com