전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPCA8050-H 데이터시트(PDF) 6 Page - Toshiba Semiconductor

부품명 TPCA8050-H
상세설명  Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCA8050-H 데이터시트(HTML) 6 Page - Toshiba Semiconductor

  TPCA8050-H Datasheet HTML 1Page - Toshiba Semiconductor TPCA8050-H Datasheet HTML 2Page - Toshiba Semiconductor TPCA8050-H Datasheet HTML 3Page - Toshiba Semiconductor TPCA8050-H Datasheet HTML 4Page - Toshiba Semiconductor TPCA8050-H Datasheet HTML 5Page - Toshiba Semiconductor TPCA8050-H Datasheet HTML 6Page - Toshiba Semiconductor TPCA8050-H Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TPCA8050-H
2009-07-06
6
t = 1 ms*
VDSS max
t =10 ms*
10
100
1000
0.1
10
1
1
100
0.01
0.1
1
0.001
10
100
1000
0.01
0.1
1
10
100
1000
(2)
(1)
(3)
0.1
3.0
2.0
0
1.5
2.5
1.0
0.5
0
40
80
120
160
(1)
(2)
Pulse width tw (s)
rth – tw
(1) Device mounted on a glass-epoxy board (a) (Note 2a)
(2) Device mounted on a glass-epoxy board (b) (Note 2b)
(3) Tc = 25℃
Single - pulse
Drain-source voltage VDS (V)
Safe operating area
ID max (Pulse) *
* Single-pulse
Ta = 25℃
Curves must be derated
linearly with increase in
temperature.
Case temperature TC (°C)
PD – Tc
Ambient temperature Ta (°C)
PD – Ta
(1) Device mounted on a glass-epoxy
board (a) (Note 2a)
(2) Device mounted on a glass-epoxy
board (b) (Note 2b)
t = 10 s
50
30
20
10
0
0
40
80
120
160
40


유사한 부품 번호 - TPCA8050-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPCA8050-H TOSHIBA-TPCA8050-H Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
More results

유사한 설명 - TPCA8050-H

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPC8050-H TOSHIBA-TPC8050-H Datasheet
213Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8047-H TOSHIBA-TPCA8047-H Datasheet
202Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8049-H TOSHIBA-TPC8049-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8048-H TOSHIBA-TPCA8048-H Datasheet
203Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8052-H TOSHIBA-TPCA8052-H Datasheet
192Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPC8045-H TOSHIBA-TPC8045-H Datasheet
215Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
TPCA8051-H TOSHIBA-TPCA8051-H Datasheet
198Kb / 7P
   Switching Regulator Applications Motor Drive Applications DC-DC Converter Applications
2SK3444 TOSHIBA-2SK3444 Datasheet
202Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3389 TOSHIBA-2SK3389 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
2SK3440 TOSHIBA-2SK3440 Datasheet
320Kb / 6P
   Switching Regulator, DC-DC Converter Applications Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com