전자부품 데이터시트 검색엔진 |
|
AD7538JRZ 데이터시트(PDF) 6 Page - Analog Devices |
|
AD7538JRZ 데이터시트(HTML) 6 Page - Analog Devices |
6 / 16 page AD7538 Rev. B | Page 6 of 16 ABSOLUTE MAXIMUM RATINGS TA = +25°C unless, otherwise stated. Table 4. Parameter Rating VDD (Pin 23) to DGND −0.3 V, +17 V VSS (Pin 24) to AGND −15 V, +0.3 V VREF (Pin 1) to AGND ±25 V VRFB (Pin 2) to AGND ±25 V Digital Input Voltage (Pins 6 to 22) to DGND −0.3 V, VDD +0.3 V VPIN3 to DGND −0.3 V, VDD +0.3 V AGND to DGND −0.3 V, VDD +0.3 V Power Dissipation (Any Package) To 75°C 1000 mW Derates Above 75°C 10 mW/°C Operating Temperature Range Commercial (J, K Versions) 0°C to +70°C Industrial (A, B Versions) −25°C to +85°C Extended (S, T Versions) −55°C to +125°C Storage Temperature −65°C to +150°C Lead Temperature (Soldering, 10 sec) 300°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
유사한 부품 번호 - AD7538JRZ |
|
유사한 설명 - AD7538JRZ |