전자부품 데이터시트 검색엔진 |
|
4-640440-2 데이터시트(PDF) 42 Page - Tyco Electronics |
|
4-640440-2 데이터시트(HTML) 42 Page - Tyco Electronics |
42 / 84 page 42 .375 [9.52] .300 [7.62] .065 [1.65] .051 [1.30] .066 [1.68] .070 [1.78] Dia. .300 [7.62] .085 [2.16] .065 [1.65] .051 [1.30] .066 [1.68] .453 [11.5] .578 [14.7] .010 [.254] Max. R. Typ. at Min. Tolerance Cutout Keying Plugs Material (RoHS Compliant) UL94V-2 rated, nylon, natural color Note: Removal of contact is not necessary when using keying plug. Loose Piece Part No. 640629-1 (Flush) Used with keyed headers On Carrier Strip Part No. 641623-1 (Flush) (10 per strip) Long Nose Flush .125 [3.18] .500 [12.70] Ref. 2.525 [64.14] Ref. .300 [7.62] Ref. Panel Mount End Caps Part No. 641440-1 Part No. 641533-1 (2-position only) Material (RoHS Compliant) UL94V-2 rated, nylon, black Notes: 1. Both left-hand and right-hand end caps are attached by a con- necting tab. This tab must be broken off prior to installing on connector. 2. For best results attach panel mount end caps to the MTA-156 (IDC) connectors shown on pages 36 thru 39. While not preferred, panel mount end caps can be attached to MTA-156 (IDC) posted connector on page 45. .440 [11.18] .520 [13.2] .410 [10.41] .550 [13.97] Two-Position Only 641533-1 3- thru 24-Position 641440-1 See Note 1 .453 [11.5] A .010 [.254] Max. R. Typ. at Min. Tolerance Cutout No. of Dim. Pos. A 3 .736 18.69 4 .892 22.66 6 1.204 30.58 9 1.672 42.47 12 2.140 54.36 15 2.608 66.24 24 4.012 101.9 Recommended Panel Cutout (Recommended Panel Thickness .062 [1.57] to .067 [1.70] max.) .564 [14.33] .520 [13.2] .440 [11.18] Part No. 640630-1 (Long Nose) Used with staked post MTA-156 Connector Accessories (Continued) MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
유사한 부품 번호 - 4-640440-2 |
|
유사한 설명 - 4-640440-2 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |