전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-640599-7 데이터시트(PDF) 82 Page - Tyco Electronics

부품명 4-640599-7
상세설명  MTA, CST-100 II, SL-156 and AMP Economy Power
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-640599-7 데이터시트(HTML) 82 Page - Tyco Electronics

Back Button 4-640599-7 Datasheet HTML 76Page - Tyco Electronics 4-640599-7 Datasheet HTML 77Page - Tyco Electronics 4-640599-7 Datasheet HTML 78Page - Tyco Electronics 4-640599-7 Datasheet HTML 79Page - Tyco Electronics 4-640599-7 Datasheet HTML 80Page - Tyco Electronics 4-640599-7 Datasheet HTML 81Page - Tyco Electronics 4-640599-7 Datasheet HTML 82Page - Tyco Electronics 4-640599-7 Datasheet HTML 83Page - Tyco Electronics 4-640599-7 Datasheet HTML 84Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
647125
53
647126
53
647127
53
647128
53
647131
53
647132
53
647133
53
647134
53
647135
53
647136
53
647139
53
647140
53
647141
53
647142
53
647143
53
647144
53
647166
29
647167
29
647168
29
647295
28
647296
28
647297
28
647298
27
647299
27
647300
27
647400
62
647401
62
647402
62
647406
62
647409
62
647466
62
647476
45
647477
15
647478
37
647479
39
647480
15
647481
45
647485
62
647496
39
647497
45
647609
25
647623
25
647624
25
647625
25
647626
25
647627
25
647628
26
647629
26
647630
26
647646
47
647648
52
647649
52
647651
26
647652
26
647653
26
647676
65
647689
65
647690
64
770258
59
770476
59, 60
770522
59
770849
60
770894
61
971111
71
1123721
64
1123722
64
58009
76, 79
58010
76, 79
58024
76, 78, 79
58039
76, 79
58040
76, 79
58061
76, 79
58074
76, 77, 79
58075
76, 77
58082
76, 79
58242
76, 79
58243
76, 79
58244
76, 79
58245
76, 79
58246
76, 79
58247
76, 79
58338
76, 77, 79
58392
76, 79
58442
76, 79
58443
76, 79
Part No.
Page
82
Part No.
Page
Part No.
Page
1123723
65
1123724
68
1123823
69
1123824
69
1318300
65
1318301
68
1318831
69
1318912
64
1375819
31
1375820
31
1445120
9
1445121
10
1445123
9
1445124
10
1445125
9
1445126
10
1445169
9
1445170
9
1445171
9
1445172
10
1445173
10
1445174
10
1445336
31
1445341
7
1445342
7
1445343
7
1445344
7
1445345
7
1445346
7
1445347
7
1445348
7
1445349
7
1445350
7
Part No.
Page
1445351
7
1445352
7
1445353
7
1445354
7
1445355
7
1445356
7
1445357
7
1445358
7
1445359
5
1445360
5
1445361
5
1445362
5
1445363
5
1445364
5
1445365
5
1445366
5
1445367
5
1445368
5
1445369
5
1445370
5
1445371
5
1445372
5
1445373
5
1445374
5
1445375
5
1445376
5
1744017
48
1744020
15
1744036
67
1744037
67
1744048
67
1744055
66
1744056
66
Part No.
Page
Application Tooling Part Number Index
58517
31
58575
76, 78, 79
58576
76, 78, 79
58579
76
58614
59
58635
76, 79
58636
76, 79
58638
76, 79
58639
76
58644
76, 79
58646
76, 79
59803
76, 79
59804
76, 79
59836
17
59837
41
59839
76
59845
79
59848
76, 79
90471
59
Part No.
Page
91112
78, 79
91579
64
312522
76, 78, 79
354500
79
466468
59
466727
76, 79
466728
76, 79
466747
17
466947
59
471273
78, 79
567020
76, 79
567373
31
567827
31
567828
59
567910
31
680211
59
690675
78, 79
853542
76, 79
853546
76, 79
Part No.
Page
853547
76, 79
854175
76, 79
854176
76, 79
854200
76, 79
854449
78
854468
78, 79
856600
76, 79
931800
76, 77, 79
933567
76, 79
933568
76, 79
1385286
64
1583503
76, 79
1583514
76, 79
1583515
76, 79
1583516
76, 79
1583517
76, 79
1583518
76, 79
Part No.
Page
Part Number Index (Continued)
MTA, CST-100 II, SL-156 and
AMP Economy Power (EP) Connectors
Catalog 82056
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 57-1-254-4444
UK: 44-208-420-8341


유사한 부품 번호 - 4-640599-7

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-640429-0 MACOM-4-640429-0 Datasheet
141Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
4-640429-1 MACOM-4-640429-1 Datasheet
141Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
4-640429-2 MACOM-4-640429-2 Datasheet
141Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
4-640429-3 MACOM-4-640429-3 Datasheet
141Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
4-640429-4 MACOM-4-640429-4 Datasheet
141Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
More results

유사한 설명 - 4-640599-7

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
3-644466-2 MACOM-3-644466-2 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
3-643818-4 MACOM-3-643818-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power
640468-3 MACOM-640468-3 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power Connectors
3-644456-7 MACOM-3-644456-7 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644861-4 MACOM-2-644861-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
1375820-5 MACOM-1375820-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644488-5 MACOM-2-644488-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-640454-0 MACOM-2-640454-0 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
3-641215-2 MACOM-3-641215-2 Datasheet
267Kb / 3P
   MTA, CST-100 II, MT-6 and SL Connectors and Headers
640255-1 MACOM-640255-1 Datasheet
577Kb / 1P
   MTA, CST and SL Accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com