전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-1470359-8 데이터시트(PDF) 16 Page - Tyco Electronics

부품명 4-1470359-8
상세설명  FPC Connector Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-1470359-8 데이터시트(HTML) 16 Page - Tyco Electronics

Back Button 4-1470359-8 Datasheet HTML 12Page - Tyco Electronics 4-1470359-8 Datasheet HTML 13Page - Tyco Electronics 4-1470359-8 Datasheet HTML 14Page - Tyco Electronics 4-1470359-8 Datasheet HTML 15Page - Tyco Electronics 4-1470359-8 Datasheet HTML 16Page - Tyco Electronics 4-1470359-8 Datasheet HTML 17Page - Tyco Electronics 4-1470359-8 Datasheet HTML 18Page - Tyco Electronics 4-1470359-8 Datasheet HTML 19Page - Tyco Electronics 4-1470359-8 Datasheet HTML 20Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions (Continued)
1.0 mm, FFC Connector,
SMT, Right Angle, Non-ZIF
Lead Free
84981
Material and Finish
Housing — Glass filled high tempera-
ture nylon, beige color
Contact — Phosphor bronze
Technical Documents
Product Specification — 108-51054
H
Recommended PCB Layout
1.00
[.039]
0.60
[.024]
1.20
[.047]
0.20
[.008]
1.20
[.047]
Housing
Outline
Circuit No. 1
1.80
[.071]
1.70
[.067]
3.50
[.138]
5.60
[.220]
Typ.
1.00
[.039]
1.50
[.059]
0.05
[.002]
Typ.
0.70
[.028]
5.60
[.220]
G
H
1.00
[.039]
H
F
E
Position No. 1
0.70
[.028]
3.70
[.146]
Min.
3.00
[.118]
0.30
[.012]
Recommended FFC/FPC Layout
0.40
[.157]


유사한 부품 번호 - 4-1470359-8

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-1470359-8 MACOM-4-1470359-8 Datasheet
643Kb / 32P
   FPC Connector Family
4-1470359-8 MACOM-4-1470359-8 Datasheet
662Kb / 32P
   FPC Connector Family
More results

유사한 설명 - 4-1470359-8

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
1-1734742-8 MACOM-1-1734742-8 Datasheet
643Kb / 32P
   FPC Connector Family
1-84533-5 MACOM-1-84533-5 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
logo
Molex Electronics Ltd.
FFC-FPC MOLEX11-FFC-FPC Datasheet
7Mb / 1P
   FFC-FPC SMT Family Overview
502250-1791 MOLEX-502250-1791 Datasheet
1Mb / 2P
   FPC Connector
501912-1590 MOLEX-501912-1590 Datasheet
460Kb / 2P
   FPC Connector
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
Newhaven Display Intern...
MOLEX52745-0496 NEWHAVEN-MOLEX52745-0496 Datasheet
161Kb / 9P
   PITCH FPC CONNECTOR series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com