전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-84982-0 데이터시트(PDF) 19 Page - Tyco Electronics

부품명 4-84982-0
상세설명  FPC Connector Family
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-84982-0 데이터시트(HTML) 19 Page - Tyco Electronics

Back Button 4-84982-0 Datasheet HTML 15Page - Tyco Electronics 4-84982-0 Datasheet HTML 16Page - Tyco Electronics 4-84982-0 Datasheet HTML 17Page - Tyco Electronics 4-84982-0 Datasheet HTML 18Page - Tyco Electronics 4-84982-0 Datasheet HTML 19Page - Tyco Electronics 4-84982-0 Datasheet HTML 20Page - Tyco Electronics 4-84982-0 Datasheet HTML 21Page - Tyco Electronics 4-84982-0 Datasheet HTML 22Page - Tyco Electronics 4-84982-0 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
19
Catalog 1-1773440-6
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 05-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
FPC Connector Family
Product Dimensions (Continued)
1.0 mm, FPC Connector,
Non-ZIF, SMT, Right Angle,
Bottom Contact
Part Number
1470852
Lead Free
1734798
Technical Documents
Product Specification — 108-57354
Part Number
Position
Dimension
ABC
1470852-4
4
3.00
5.05
7.00
.118
.198
.276
1470852-5
5
4.00
6.05
8.00
.157
.238
.315
1470852-6
6
5.00
7.05
9.00
.197
.277
.354
1470852-7
7
6.00
8.05
10.00
.236
.316
.394
1470852-8
8
7.00
9.05
11.00
.276
.356
.433
1470852-9
9
8.00
10.05
12.00
.315
.395
.472
1-1470852-0
10
9.00
11.05
13.00
.354
.435
.512
1-1470852-1
11
10.00
12.05
14.00
.394
.474
.551
1-1470852-2
12
11.00
13.05
15.00
.433
.513
.591
1-1470852-3
13
12.00
14.05
16.00
.472
.553
.630
1-1470852-4
14
13.00
15.05
17.00
.512
.592
.669
1-1470852-5
15
14.00
16.05
18.00
.551
.631
.709
1-1470852-6
16
15.00
17.05
19.00
.591
.671
.748
1-1470852-7
17
16.00
18.05
20.00
.630
.710
.787
1-1470852-8
18
17.00
19.05
21.00
.669
.750
.827
1-1470852-9
19
18.00
20.05
22.00
.709
.788
.866
2-1470852-0
20
19.00
21.05
23.00
.748
.828
.906
2-1470852-1
21
20.00
22.05
24.00
.787
.857
.945
2-1470852-2
22
21.00
23.05
25.00
.827
.907
.984
2-1470852-3
23
22.00
24.05
26.00
.866
.946
1.024
2-1470852-4
24
23.00
25.05
27.00
.906
.986
1.063
2-1470852-5
25
24.00
26.05
28.00
.945
1.025
1.102
2-1470852-6
26
25.00
27.05
29.00
.984
1.064
1.142
2-1470852-7
27
26.00
28.05
30.00
1.024
1.104
1.181
2-1470852-8
28
27.00
29.05
31.00
1.063
1.143
1.220
2-1470852-9
29
28.00
30.05
32.00
1.102
1.183
1.259
3-1470852-0
30
29.00
31.05
33.00
1.142
1.222
1.299


유사한 부품 번호 - 4-84982-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-84982-0 MACOM-4-84982-0 Datasheet
662Kb / 32P
   FPC Connector Family
More results

유사한 설명 - 4-84982-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
1-1734742-2 MACOM-1-1734742-2 Datasheet
643Kb / 32P
   FPC Connector Family
1-84533-5 MACOM-1-84533-5 Datasheet
643Kb / 32P
   FPC Connector Family
1-1734742-3 MACOM-1-1734742-3 Datasheet
643Kb / 32P
   FPC Connector Family
1-1470359-2 MACOM-1-1470359-2 Datasheet
662Kb / 32P
   FPC Connector Family
487952 MACOM-487952 Datasheet
662Kb / 32P
   FPC Connector Family
logo
Molex Electronics Ltd.
FFC-FPC MOLEX11-FFC-FPC Datasheet
7Mb / 1P
   FFC-FPC SMT Family Overview
502250-1791 MOLEX-502250-1791 Datasheet
1Mb / 2P
   FPC Connector
501912-1590 MOLEX-501912-1590 Datasheet
460Kb / 2P
   FPC Connector
logo
Japan Aviation Electron...
FA10 JAE-FA10 Datasheet
1Mb / 6P
   0.5mm Pitch FPC Connector
logo
Newhaven Display Intern...
MOLEX52745-0496 NEWHAVEN-MOLEX52745-0496 Datasheet
161Kb / 9P
   PITCH FPC CONNECTOR series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com