전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-86479-0 데이터시트(PDF) 40 Page - Tyco Electronics

부품명 4-86479-0
상세설명  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-86479-0 데이터시트(HTML) 40 Page - Tyco Electronics

Back Button 4-86479-0 Datasheet HTML 36Page - Tyco Electronics 4-86479-0 Datasheet HTML 37Page - Tyco Electronics 4-86479-0 Datasheet HTML 38Page - Tyco Electronics 4-86479-0 Datasheet HTML 39Page - Tyco Electronics 4-86479-0 Datasheet HTML 40Page - Tyco Electronics 4-86479-0 Datasheet HTML 41Page - Tyco Electronics 4-86479-0 Datasheet HTML 42Page - Tyco Electronics 4-86479-0 Datasheet HTML 43Page - Tyco Electronics 4-86479-0 Datasheet HTML 44Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 96 page
background image
124
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Standard Profile Headers—Shrouded, with .150 [3.81] End Dimension,
Double-Row, .100 x .100 [2.54 x 2.54] Centerline
Material and Finish
Housing — Black thermoplastic,
94V-0 rated
Posts — Phosphor bronze, plated as
follows:
Plating A — Duplex plated .000030
[0.00076] gold on contact area,
.000100-.000200 [0.00254-0.00508]
tin on solder area, with entire post
underplated .000050 [0.00127] nickel
Plating B — Duplex plated .000015
[0.00038] gold on contact area,
.000100-.000200 [0.00254-0.00508]
tin on solder area, with entire post
underplated .000050 [0.00127] nickel
Plating C — .000100-.000200
[0.00254-0.00508] tin over .000050
[0.00127] nickel on entire post
Related Product Data
Mateable Connectors
AMPMODU MTE Receptacles —
pages 232, 233, 235 (used with
coupling shroud on page 241)
AMPMODU Wire-Applied
Receptacles — pages 216-219
Technical Documents — page 276
See mating connector for applicable
product and application specifications.
C
.100*
[2.54]
.035±.003
[0.89±0.08]
Dia. Typ.
A
.157
[3.99]
Recommended PC Board Hole Layout
(for .055 [1.40] min. thick PC board)
*±.003 [±0.08] tolerances not to accumulate
within one connector pattern.
.025 [0.64] Square
Right-Angle Post
(with Detent Windows)
B
.400
[10.16]
.100
[2.54]
Typ.
.150
[3.81]
(2 Plc.)
.135
[3.43]
.200
[5.08]
Ref.
(Contact Area)
.318
[8.08]
.090
[2.29]
(2 Plc.)
.100
[2.54]
.040
[1.02]
(3 Plc.)
.100*
[2.54]
Typ.
.489
[12.42]
C
.080
[2.03]
E
.240
[6.10]
Typ.
D
.639
[16.23]
.013
[0.33]
(Standoffs)
.100
[2.54]
.289
[7.34]
.280
[7.11]
No. of
Dimensions
Post Plating/Part Nos.
Pos.
A
B
C
D
E
Plating A
Plating B
Plating C
8
.680 [17.27]
.600 [15.24]
.300 [7.62]
.190 [4.83]
5-103167-1
5-102570-2
5-87577-1
10
.780 [19.81]
.700 [17.78]
.400 [10.16] .290 [7.37]
5-103167-2
5-102570-3
5-87577-2
12
.880 [22.35]
.800 [20.32]
.500 [12.70] .290 [7.37]
5-103167-3
5-102570-4
5-87577-3
14
.980 [24.89]
.900 [22.86]
.600 [15.24] .390 [9.91]
5-103167-4
5-102570-5
5-87577-4
16
1.080 [27.43] 1.000 [25.40]
.700 [17.78] .390 [9.91]
5-103167-5
5-102570-6
5-87577-5
18
1.180 [29.97] 1.100 [27.94]
.800 [20.32] .490 [12.45]
5-103167-6
5-102570-7
5-87577-6
20
1.280 [32.51] 1.200 [30.48]
.900 [22.86] .190 [4.83]
.890 [22.61]
5-103167-7
5-102570-8
5-87577-7
22
1.380 [35.05] 1.300 [33.02] 1.000 [25.40] .190 [4.83]
.990 [25.15]
5-103167-8
5-102570-9
5-87577-8
24
1.480 [37.59] 1.400 [35.56] 1.100 [27.94] .190 [4.83]
1.090 [27.69]
5-103167-9
6-102570-0
5-87577-9
26
1.580 [40.13] 1.500 [38.10] 1.200 [30.48] .190 [4.83]
1.190 [30.23]
6-103167-0
6-102570-1
6-87577-0
28
1.680 [42.67] 1.600 [40.64] 1.300 [33.02] .190 [4.83]
1.290 [32.77]
6-103167-1
6-102570-2
6-87577-1
30
1.780 [45.21] 1.700 [43.18] 1.400 [35.56] .190 [4.83]
1.390 [35.31]
6-103167-2
6-102570-3
6-87577-2


유사한 부품 번호 - 4-86479-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-86147-2 MACOM-4-86147-2 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
More results

유사한 설명 - 4-86479-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com