전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-86479-0 데이터시트(PDF) 55 Page - Tyco Electronics

부품명 4-86479-0
상세설명  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-86479-0 데이터시트(HTML) 55 Page - Tyco Electronics

Back Button 4-86479-0 Datasheet HTML 51Page - Tyco Electronics 4-86479-0 Datasheet HTML 52Page - Tyco Electronics 4-86479-0 Datasheet HTML 53Page - Tyco Electronics 4-86479-0 Datasheet HTML 54Page - Tyco Electronics 4-86479-0 Datasheet HTML 55Page - Tyco Electronics 4-86479-0 Datasheet HTML 56Page - Tyco Electronics 4-86479-0 Datasheet HTML 57Page - Tyco Electronics 4-86479-0 Datasheet HTML 58Page - Tyco Electronics 4-86479-0 Datasheet HTML 59Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
139
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
5
Universal Ejection Style Pin Headers, Military, Center and Dual Polarized,
.100 x .100 [2.54 x 2.54] Centers
Note: All part numbers are RoHS
compliant.
Straight-Thru, 4-Sided
.025 [0.64] Sq. Posts
Material and Finish
Housing & Latches — Black
thermoplastic, 94V-0 rated
Contacts — Brass or phosphor bronze
(at Tyco Electronics’ option); Duplex
.000030 [0.00076] gold on mating end,
.000100 [0.00254] min. tin on termina-
tion end, with entire contact underplated
.000050 [0.00127] nickel
Related Product Data
Electrical Characteristics —
page 134
Mateable Connectors —
AMPMODU Wire-Applied
Receptacles — page 220
Mounting Information
4-24 self-tapping screws
and 2-56 bolts and nuts are
available for mounting
straight-thru pin headers of
pc boards. Typical applica-
tions and part nos. for
ordering this hardware are
presented below.
Note: 2-56 bolts and nuts may be
used to mount pin headers with and
without latches. If latches are to be
used, the bolts must be positioned in
the pin header before the latches are
installed.
Pin Header
with Latches
Pin Header
without Latches
No. of
Dimensions
Part Number
Positions
AB
C
D
E
(Without Latches)
.700
1.100
1.260
.860
.110 [2.79]
5102154-1
10
17.78
27.94
32.00
21.84
.155 [3.94]
5102156-1
.900
1.300
1.460
1.060
.110 [2.79]
5102154-2
14
22.86
33.02
37.08
26.92
.155 [3.94]
5102156-2
1.000
1.400
1.560
1.180
.110 [2.79]
5102154-3
16
25.40
35.56
39.62
29.46
.155 [3.94]
5102156-3
1.200
1.600
1.760
1.360
.110 [2.79]
5102154-4
20
30.48
40.64
44.70
34.54
.155 [3.94]
5102156-4
1.400
1.800
1.960
1.560
.110 [2.79]
5102154-5
24
35.56
45.72
49.78
39.62
.155 [3.94]
5102156-5
1.500
1.900
2.060
1.660
.110 [2.79]
5102154-6
26
38.10
48.26
52.32
42.16
.155 [3.94]
5102156-6
1.900
2.300
2.460
2.060
.110 [2.79]
5102154-8
34
48.26
58.42
62.48
52.32
.155 [3.94]
5102156-8
2.200
2.600
2.760
2.360
.110 [2.79]
5102154-9
40
55.88
66.04
70.10
59.94
.155 [3.94]
5102156-9
2.700
3.100
3.260
2.860
.110 [2.79]
1-5102154-0
50
68.58
78.74
82.80
72.64
.155 [3.94]
1-5102156-0
Notes: 1. Pin headers in 10- and 14-position sizes have only one slot for snap-in polarizer (military polarization),
located as shown.
Notes: 2. Pin headers in 10-position size have only slot for dual polarization, located as shown.
.100
[2.54]
.150
[3.81]
.253
[6.43]
.336
[8.53]
.315
[8.00]
B
C
A
.100
[2.54]
.025
[0.64]
D
.096
[2.44]
Dia.
2 Plc.
.106
[2.74]
.025
[0.64]
.549
[13.94]
.165
[4.19]
.190
[4.83]
.240
[6.10]
.107
[2.72]
.289
[7.34]
E
Solder Tail
Typ.
.050
[1.27]
.150
[3.81]
.025
[0.64]
.195
[4.95]
Position No.1
Indicator
Pin Header Mounting using 4-24 Self-Tapping Screws:
Part No. 19156-1 (for .062 [1.57] Thick PC Board)
Part No. 19156-2 (for .093 [2.36] Thick PC Board)
Part No. 19156-3 (for .125 [3.18] Thick PC Board)
Pin Header Mounting with 2-56 Bolts and Nuts:
Part No. 746383-1 (Bolt Only)
Kit No. 102198-1 (Bolt and Nut, 2 Each per Kit)
4-24
Self-Tapping
Screw
(2 Req‘d.)
2-56
Bolt & Nut
(2 Each Req‘d.)
Latch
(See Note at left.)
.256
[6.50]
Note: Used with Header (optional)
Latch (sold separately)
Part Number 1825851-1


유사한 부품 번호 - 4-86479-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-86147-2 MACOM-4-86147-2 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
More results

유사한 설명 - 4-86479-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com