전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-86479-2 데이터시트(PDF) 42 Page - Tyco Electronics

부품명 4-86479-2
상세설명  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-86479-2 데이터시트(HTML) 42 Page - Tyco Electronics

Back Button 4-86479-2 Datasheet HTML 38Page - Tyco Electronics 4-86479-2 Datasheet HTML 39Page - Tyco Electronics 4-86479-2 Datasheet HTML 40Page - Tyco Electronics 4-86479-2 Datasheet HTML 41Page - Tyco Electronics 4-86479-2 Datasheet HTML 42Page - Tyco Electronics 4-86479-2 Datasheet HTML 43Page - Tyco Electronics 4-86479-2 Datasheet HTML 44Page - Tyco Electronics 4-86479-2 Datasheet HTML 45Page - Tyco Electronics 4-86479-2 Datasheet HTML 46Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
126
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Standard Profile Headers—Shrouded, with .066 [1.68] End Dimension,
Double-Row, .100 x .100 [2.54 x 2.54] Centerline
.100
[2.54]
Material and Finish
Housing — Black thermoplastic,
94V-0 rated
Posts — Phosphor bronze, plated as
follows:
Plating A — Duplex plated .000030
[0.00076] gold on contact area,
.000100-.000200 [0.00254-0.00508]
tin on solder area, with entire post
underplated .000050 [0.00127] nickel
Plating B — Duplex plated .000015
[0.00038] gold on contact area,
.000100-.000200 [0.00254-0.00508]
tin on solder area, with entire post
underplated .000050 [0.00127] nickel
Plating C — .000100-.000200
[0.00254-0.00508] tin over .000050
[0.00127] nickel on entire post
Related Product Data
Mateable Connectors
AMPMODU Board Mount
Receptacles — pages 176, 179, 180
AMPMODU Wire-Applied
Receptacles — pages 216, 217
AMPMODU MTE Receptacles —
pages 228, 229, 234
AMPMODU MT Receptacles —
pages 256, 257
Technical Documents — page 276
See mating connector for applicable
product and application specifications.
C
.035±.003
[0.89±0.08]
Dia. Typ.
A
.157
[3.99]
Recommended PC Board Hole Layout
(for .055 [1.40] min. thick PC board)
*±.003 [±0.08] tolerances not to accumulate
within one connector pattern.
.025 [0.64] Square
Right-Angle Post
(with Pin Protection
on 3 Sides)
B
.066
[1.68]
(2 Plc.)
.100
[2.54]
Typ.
.040
[1.02]
(2 Plc.)
.125
[3.18]
.090
[2.29]
(2 Plc.)
.100
[2.54]
.100*
[2.54]
.489
[12.42]
C
.361
[9.17]
.639
[16.23]
.200
[5.08]
Ref.
(Contact Area)
.318
[8.08]
.100
[2.54]
.100*
[2.54]
.289
[7.34]
.280
[7.11]
No. of
Dimensions
Post Plating/Part Nos.
Pos.
A
B
C
Plating A
Plating B
Plating C
6
.412 [10.46]
.332 [8.43]
.200 [5.08]
5-103164-1
5-102055-2
8-87572-5
8
.512 [13.00]
.432 [10.97]
.300 [7.62]
5-103164-2
5-102055-3
5-87572-1
10
.612 [15.54]
.532 [13.51]
.400 [10.16]
5-103164-3
5-102055-4
5-87572-2
12
.712 [18.08]
.632 [16.05]
.500 [12.70]
5-103164-4
5-102055-5
5-87572-3
14
.812 [20.62]
.732 [18.59]
.600 [15.24]
5-103164-5
5-102055-6
5-87572-4
16
.912 [23.16]
.832 [21.13]
.700 [17.78]
5-103164-6
5-102055-7
5-87572-5
18
1.012 [25.70]
.932 [23.67]
.800 [20.32]
5-103164-7
5-102055-8
5-87572-6
20
1.112 [28.24]
1.032 [26.21]
.900 [22.86]
5-103164-8
5-102055-1
5-87572-7
24
1.312 [33.32]
1.232 [31.29]
1.100 [27.94]
6-103164-0
6-102055-0
26
1.412 [35.86]
1.332 [33.83]
1.200 [30.48]
6-103164-1
6-87572-0
30
1.612 [40.94]
1.532 [38.91]
1.400 [35.56]
6-103164-3
6-102055-3
34
1.812 [46.02]
1.732 [43.99]
1.600 [40.64]
6-103164-5
6-102055-5
6-87572-4
40
2.112 [53.64]
2.032 [51.61]
1.900 [48.26]
6-103164-8
6-102055-8
6-87572-7
50
2.612 [66.34]
2.532 [64.31]
2.400 [60.96]
7-103164-3
7-102055-3
7-87572-2
52
2.712 [68.88]
2.632 [66.85]
2.500 [63.50]
7-103164-4
54
2.812 [71.42]
2.732 [69.36]
2.600 [66.04]
7-102055-5
60
3.112 [79.04]
3.032 [77.01]
2.900 [73.66]
7-103164-8
7-102055-8
7-87572-7


유사한 부품 번호 - 4-86479-2

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-86147-2 MACOM-4-86147-2 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
More results

유사한 설명 - 4-86479-2

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com