전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-86479-2 데이터시트(PDF) 60 Page - Tyco Electronics

부품명 4-86479-2
상세설명  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-86479-2 데이터시트(HTML) 60 Page - Tyco Electronics

Back Button 4-86479-2 Datasheet HTML 56Page - Tyco Electronics 4-86479-2 Datasheet HTML 57Page - Tyco Electronics 4-86479-2 Datasheet HTML 58Page - Tyco Electronics 4-86479-2 Datasheet HTML 59Page - Tyco Electronics 4-86479-2 Datasheet HTML 60Page - Tyco Electronics 4-86479-2 Datasheet HTML 61Page - Tyco Electronics 4-86479-2 Datasheet HTML 62Page - Tyco Electronics 4-86479-2 Datasheet HTML 63Page - Tyco Electronics 4-86479-2 Datasheet HTML 64Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 96 page
background image
144
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Headers, Double-Row, 1.200 [30.48] Height
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
A
.077
[1.96]
Dia.
(at Surface)
B
.265
[6.73]
.025 x .025 [0.64 x 0.64]
Straight Post (with
Pin Protection)
.124
[3.15]
.100
[2.54]
C
.100*
[2.54]
Recommended PC Board Hole Layout
*±.003 [±0.08] tolerances not to accumu-
late within one connector pattern.
.100
[2.54]
Typ.
.320
[8.13]
.090
[2.29]
.073
[1.85]
Dia.
(at .340 [8.64]
Depth)
.348
[8.84]
.040
[1.02]
.350
[8.89]
Min.
.340
[8.64]
D
.025
[0.64]
Sq. Posts
.098
[2.49]
1.200
[30.48]
.865
[21.97]
.275
[6.99]
.084
[2.13]
.268
[6.81]
.025
[0.64]
Sq. Posts
.100*
[2.54]
Typ.
.050±.003
[1.27±0.08]
C
B
.250±.003
[3.81±0.08]
.043±.005
[1.09±0.13]
.125
[3.18]
Dia.
.250
[6.35]
.250
[6.35]
.060
[1.52]
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Phosphor bronze, plated
.000015 [0.000381] min. gold on mating
area, .000100-.000200 [0.00254-
0.00508] matte tin on solder area, with
entire post underplated .000050
[0.00127] nickel
No. of
Dimensions
Header
Pos.
AB
CD
Part No.
52
3.320 [84.33]
3.000 [76.2]
2.500 [63.5]
3.030 [76.96]
5-102826-1
Note: This header mates with receptacle assembly having the same number of active positions. See page 142.


유사한 부품 번호 - 4-86479-2

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-86147-2 MACOM-4-86147-2 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
More results

유사한 설명 - 4-86479-2

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com