전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-86479-3 데이터시트(PDF) 45 Page - Tyco Electronics

부품명 4-86479-3
상세설명  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-86479-3 데이터시트(HTML) 45 Page - Tyco Electronics

Back Button 4-86479-3 Datasheet HTML 41Page - Tyco Electronics 4-86479-3 Datasheet HTML 42Page - Tyco Electronics 4-86479-3 Datasheet HTML 43Page - Tyco Electronics 4-86479-3 Datasheet HTML 44Page - Tyco Electronics 4-86479-3 Datasheet HTML 45Page - Tyco Electronics 4-86479-3 Datasheet HTML 46Page - Tyco Electronics 4-86479-3 Datasheet HTML 47Page - Tyco Electronics 4-86479-3 Datasheet HTML 48Page - Tyco Electronics 4-86479-3 Datasheet HTML 49Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 96 page
background image
129
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Standard Profile Headers—Shrouded, with .150 [3.81] End Dimension,
Double-Row, .100 x .100 [2.54 x 2.54] Centerline (Continued)
Material and Finish
Housing — Black thermoplastic,
94V-0 rated
Posts — Copper alloy, plated .000030
[0.00076] gold over .000050 [0.00127]
nickel on entire post
Related Product Data
Mateable Connectors
AMPMODU Wire-Applied
Receptacles — pages 216-219
AMPMODU MTE Receptacles —
pages 232, 233, 235 (used with
coupling shroud on page 241)
Accessories
Barrier Insert — page 204
Technical Documents — page 276
See mating connector for applicable
product and application specifications.
C
.035±.003
[0.89±0.08]
Dia. Typ.
.318
[8.08]
Recommended PC Board Hole Layout
(for .055 [1.40] min. thick PC board)
*±.003 [±0.08] tolerances not to accumulate
within one connector pattern.
.025 [0.64] Square
Straight Post (with
Detent Windows and
Mounting Ears)
B
.150
[3.81]
Typ.
.100
[2.54]
Typ.
.090
[2.29]
Typ.
.125
[3.18]
.090
[2.29]
D
.400
[10.16]
.200
[5.08]
Ref.
(Contact Area)
.100*
[2.54]
.440
[11.18]
.100
[2.54]
E
.352
[8.94]
.080
[2.03]
Typ.
G
A
C
F
.220
[5.59]
Typ.
.352
[8.94]
Typ.
.047
[1.19]
(2 Plc.)
.050
[1.27]
Typ.
.125
[3.18]
Dia. Typ.
D
.062
[1.57]
Typ.
R
.100*
[2.54]
Typ.
.280
[7.11]
.090
[2.29]
.240
[6.10]
Typ.
No. of
Dimensions
Part Nos.
Pos.
ABCD
E
F
G
10
.780 [19.81]
.700 [17.78]
.400 [10.16]
1.104 [28.04]
1.304 [33.12]
.290 [7.37]
87474-1
14
.980 [24.89]
.900 [22.86]
.600 [15.24]
1.304 [33.12]
1.504 [38.20]
.190 [4.83]
87474-9
20
1.280 [32.51] 1.200 [30.48]
.900 [22.86]
1.604 [40.74]
1.804 [45.82]
.190 [4.83]
.890 [22.61]
87474-2
24
1.480 [37.59] 1.400 [35.56] 1.100 [27.94]
1.804 [45.82]
2.004 [50.90]
.190 [4.83]
1.090 [27.69]
1-87474-3
26
1.580 [40.13] 1.500 [38.10] 1.200 [30.48]
1.904 [48.36]
2.104 [53.44]
.190 [4.83]
1.190 [30.23]
87474-3
34
1.980 [50.29] 1.900 [48.26] 1.600 [40.64]
2.304 [58.52]
2.504 [63.60]
.190 [4.83]
1.590 [40.39]
87474-4
40
2.280 [57.91] 2.200 [55.88] 1.900 [48.26]
2.604 [66.14]
2.804 [71.22]
.190 [4.83]
1.890 [48.01]
87474-6
50
2.780 [70.61] 2.700 [68.58] 2.400 [60.96]
3.104 [78.84]
3.304 [83.92]
.190 [4.83]
2.390 [60.71]
87474-7
60
3.280 [83.31] 3.200 [81.28] 2.900 [73.66]
3.604 [91.54]
3.804 [96.62]
.190 [4.83]
2.890 [73.41]
2-87474-6


유사한 부품 번호 - 4-86479-3

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-86147-2 MACOM-4-86147-2 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
More results

유사한 설명 - 4-86479-3

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com