전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-86479-4 데이터시트(PDF) 88 Page - Tyco Electronics

부품명 4-86479-4
상세설명  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-86479-4 데이터시트(HTML) 88 Page - Tyco Electronics

Back Button 4-86479-4 Datasheet HTML 84Page - Tyco Electronics 4-86479-4 Datasheet HTML 85Page - Tyco Electronics 4-86479-4 Datasheet HTML 86Page - Tyco Electronics 4-86479-4 Datasheet HTML 87Page - Tyco Electronics 4-86479-4 Datasheet HTML 88Page - Tyco Electronics 4-86479-4 Datasheet HTML 89Page - Tyco Electronics 4-86479-4 Datasheet HTML 90Page - Tyco Electronics 4-86479-4 Datasheet HTML 91Page - Tyco Electronics 4-86479-4 Datasheet HTML 92Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 96 page
background image
172
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Mod II Receptacle Assemblies, Single-Row, Surface Mount
.100 [2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Closed Entry, End Stackable,
Short Point-of-Contact,
with Standoffs
Part No. 86286-1
(Plugs into receptacle contact)
Material — Natural color nylon
Keying Plug
Material and Finish
Housing — Glass-filled thermoplastic,
black, 94V-0 rated
Contacts — Phosphor bronze,
plated as follows:
Plating A — Duplex .000030
[0.00076] gold on contact area,
.000150-.000300 [0.00381-0.00762]
matte tin on solder area all over .000050
[0.00127] nickel
Plating B — Duplex .000010
[0.000254] gold on contact area,
.000150-.000300 [0.00381-0.00762]
matte tin on solder area all over .000050
[0.00127] nickel
Plating C — .000150-.000300
[0.00381-0.00762] matte tin on solder
leads, all over .000050 [0.00127] nickel
Related Product Data
Mateable Headers —
Refer to the Mating Post Selection
Guide — page 90
Performance Characteristics —
page 171
Technical Documents — page 276
Product Specification
108-25026
Application Specification
114-25018
Additional receptacle assembly
sizes are available; minimum order
quantities may apply. Consult
Tyco Electronics.
A
.050
[1.27]
X
Section X–X
X
.100
[2.54]
Typ.
.008
.005
[0.20]
[0.13]
Typ.
.100
[2.54]
Typ.
.320
[8.13]
.174
Max.
[4.42]
(Point-of-Contact)
.060
Typ.
[1.52]
.090
Typ.
[2.29]
.069
[1.75]
.137
[3.48]
.356
[9.04]
.388±.010
[9.85±0.25]
Pos. No.
Ref. Typ.
No. of
Dimension
Contact Plating/Part Nos.
Pos.
A
Plating A
Plating B
Plating C
2
.200
[5.08]
5147721-1
5147732-1
5147733-1
3
.300
[7.62]
5147721-2
5147732-2
5147733-2
4
.400 [10.16]
5147721-3
5147732-3
5147733-3
5
.500 [12.70]
5147721-4
5147732-4
5147733-4
6
.600 [15.24]
5147721-5
5147732-5
5147733-5
7
.700 [17.78]
5147721-6
5147732-6
5147733-6
8
.800 [20.32]
5147721-7
5147732-7
5147733-7
9
.900 [22.86]
5147721-8
5147732-8
5147733-8
10
1.000 [25.40]
5147721-9
5147732-9
5147733-9
11
1.100 [27.94]
1-5147721-0
1-5147732-0
1-5147733-0
12
1.200 [30.48]
1-5147721-1
1-5147732-1
1-5147733-1
13
1.300 [33.02]
1-5147721-2
1-5147732-2
1-5147733-2
14
1.400 [35.56]
1-5147721-3
1-5147732-3
1-5147733-3
15
1.500 [38.10]
1-5147721-4
1-5147732-4
1-5147733-4
16
1.600 [40.64]
1-5147721-5
1-5147732-5
1-5147733-5
17
1.700 [43.18]
1-5147721-6
1-5147732-6
1-5147733-6
18
1.800 [45.72]
1-5147721-7
1-5147732-7
1-5147733-7
19
1.900 [48.26]
1-5147721-8
1-5147732-8
1-5147733-8
20
2.000 [50.80]
1-5147721-9
1-5147732-9
1-5147733-9
30
3.000 [76.20]
2-5147721-9
2-5147732-9
2-5147733-9
40
4.000[101.60]
3-5147721-9
3-5147732-9
3-5147733-9
Recommended Etched Circuit Layout
(for .040 [1.02] min. thick PC Board;
.008 [0.20] thick stencil)
(Localized Gold
Plate Area)
.125
[3.18]


유사한 부품 번호 - 4-86479-4

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-86147-2 MACOM-4-86147-2 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
More results

유사한 설명 - 4-86479-4

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com