전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-87232-0 데이터시트(PDF) 70 Page - Tyco Electronics

부품명 4-87232-0
상세설명  AMPMODU .025 [0.64] Square Interconnection System
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-87232-0 데이터시트(HTML) 70 Page - Tyco Electronics

Back Button 4-87232-0 Datasheet HTML 66Page - Tyco Electronics 4-87232-0 Datasheet HTML 67Page - Tyco Electronics 4-87232-0 Datasheet HTML 68Page - Tyco Electronics 4-87232-0 Datasheet HTML 69Page - Tyco Electronics 4-87232-0 Datasheet HTML 70Page - Tyco Electronics 4-87232-0 Datasheet HTML 71Page - Tyco Electronics 4-87232-0 Datasheet HTML 72Page - Tyco Electronics 4-87232-0 Datasheet HTML 73Page - Tyco Electronics 4-87232-0 Datasheet HTML 74Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 96 page
background image
154
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
ACTION PIN Stacking Connector System
(Non-Intermateable with AMPMODU Connectors)
AMPMODU Interconnection System
5
ACTION PIN Stacking
Connectors are a family of
two-piece connectors used to
stack multiple printed circuit
boards in parallel. They have
been developed to provide
a more reliable and
economical means of
compact wiring and high-
density packaging inside a
variety of electronic
equipment.
The connectors have many
advanced features: they
can be used to connect
bus lines in the shortest
possible distance without
the need of a mother board,
thus permitting effective
utilization of space above
the board; compared with
other methods of jumper
connection using cable
connectors, they make the
overall board layout more
clean and straight for
compact packaging.
Contacts are on 2.54 x 2.54
[.100 x .100] grid. The
connectors are available in
sizes of 26, 30, 34, 40,
50 and 60 positions.
ACTION PIN Stacking
Connectors consist of a
receptacle assembly, a
mating post header and
a post hood to protect
the post portion of the
receptacle assembly.
A complete description
of the ACTION PIN
Stacking Connectors is
presented on the following
page (155).
Product Facts
Can stack multiple printed
circuit boards without the
need of a mother board
Connect bus lines in the
shortest possible distance
Receptacle assembly has
ACTION PIN posts for sol-
derless board mounting
Can be mounted onto the
board simply by press
fitting with Mini-Press
Receptacle assembly is
easy to service and replace
(up to 2 times)
Receptacle contacts are
of fork design to mate with
posts at two points.
Virtually eliminates danger
of scooping at mating/
unmating
Stacking dimensions are
13.4 [.528] or 19.0 [.748]
when using receptacle
assemblies together, and
13.9 [.547] or 19.5 [.768]
when using a combination
of receptacle and post
header assemblies
Accepts 1.6 [.062] thick
boards
Housing provided with
polarization to help prevent
mismating
Housing made of chemical-
resistant glass-filled PBT,
black in color
Contacts are of copper alloy
material with high spring
characteristics, gold-over-
nickel plated
Post hood available to
protect the post portion of
receptacle contacts. Can be
selected depending on
stacking dimensions
Connectors available in
sizes of 26, 30, 34, 40, 50
and 60 positions
Product specification:
108-5197
METRIC
Dimensions are
millimeters over inches


유사한 부품 번호 - 4-87232-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-87230-0 MACOM-4-87230-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

유사한 설명 - 4-87232-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-146130-7 MACOM-5-146130-7 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
logo
Molex Electronics Ltd.
08-52-1201 MOLEX11-08-52-1201 Datasheet
122Kb / 8P
   TERMINAL PIN 0.64 / .025 SQ. WIRE
logo
Japan Aviation Electron...
MX57A JAE-MX57A Datasheet
924Kb / 6P
   0.64 (025) Non-waterproof SRS Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com