전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-87220-0 데이터시트(PDF) 54 Page - Tyco Electronics

부품명 4-87220-0
상세설명  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-87220-0 데이터시트(HTML) 54 Page - Tyco Electronics

Back Button 4-87220-0 Datasheet HTML 50Page - Tyco Electronics 4-87220-0 Datasheet HTML 51Page - Tyco Electronics 4-87220-0 Datasheet HTML 52Page - Tyco Electronics 4-87220-0 Datasheet HTML 53Page - Tyco Electronics 4-87220-0 Datasheet HTML 54Page - Tyco Electronics 4-87220-0 Datasheet HTML 55Page - Tyco Electronics 4-87220-0 Datasheet HTML 56Page - Tyco Electronics 4-87220-0 Datasheet HTML 57Page - Tyco Electronics 4-87220-0 Datasheet HTML 58Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 96 page
background image
138
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
AMP-LATCH Low Profile Headers—Shrouded, with .150 [3.81] End
Dimension, Double-Row, .100 x .100 [2.54 x 2.54] Centerline &
“Kinked” Soldertails for PCB Retention (Continued)
No. of
Dimensions
Post Plating
Pos.
AB
Part Nos.
10
.800 [20.32]
.400 [10.16]
5104340-1
14
1.000 [25.40]
.600 [15.24]
5104340-2
16
1.100 [27.94]
.700 [17.78]
5104340-3
20
1.300 [33.02]
.900 [22.86]
5104340-4
40
2.300 [58.42]
1.900 [48.26]
5104340-8
50
2.800 [71.12]
2.400 [60.96]
5104340-9
Recommended PC Board Hole Layout
For Manual Insertion
*±.003 [±0.08] tolerances not to accumulate
within one connector pattern.
Material and Finish
Housing — Glass-filled PPA, black,
94V-0 rated
Posts — Copper alloy, plated with gold
flash over .000015 [0.00038] min.
palladium-nickel plate on the mating
surfaces, .000100 [0.00254] min. tin
plate on soldertails, with entire post
underplated .000050 [0.00127] min.
nickel
Related Product Data
Electrical Characteristics —
page 134
Mateable Connectors —
AMPMODU Wire-Applied
Receptacles — page 220
Short Point Wire-Applied
Connectors — page 224
Typ.
.165
[4.19]
.025±.001
[0.64±0.03]
.385
[9.77]
A
B
Typ.
.153
+.008
-.005
3.88
+0.20
-0.13
.185
[4.69]
.045
[1.14]
.370
[9.40]
.140
[3.56]
.130
[3.30]
.185±.010
[4.69±0.25]
Typ.
.200
[5.08]
.100
[2.54]
Typ.
(2 Plc.)
2 Plc.
.025
.020
[0.64]
0.50
.125
+.020
-.010
3.18
+0.51
-0.25
Typ.
(contact area)
.200
[5.08]
.240
[6.09]
.025±.001
[.635±0.03]
.123
[3.12]
.100
[2.54]
.075±.002
[1.90±0.05]
2 Plc.
Position No.1
Indicator
.100±.003*
[2.54±0.08]
.040±.003
[1.02±0.08]
.100±.003*
[2.54±0.08]
Typ.
Dia. Typ.
.025 [0.64] Square
Right-Angle Post (with
Board Retention Feature)
[]
[]


유사한 부품 번호 - 4-87220-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

유사한 설명 - 4-87220-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com