전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-87230-0 데이터시트(PDF) 12 Page - Tyco Electronics

부품명 4-87230-0
상세설명  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-87230-0 데이터시트(HTML) 12 Page - Tyco Electronics

Back Button 4-87230-0 Datasheet HTML 8Page - Tyco Electronics 4-87230-0 Datasheet HTML 9Page - Tyco Electronics 4-87230-0 Datasheet HTML 10Page - Tyco Electronics 4-87230-0 Datasheet HTML 11Page - Tyco Electronics 4-87230-0 Datasheet HTML 12Page - Tyco Electronics 4-87230-0 Datasheet HTML 13Page - Tyco Electronics 4-87230-0 Datasheet HTML 14Page - Tyco Electronics 4-87230-0 Datasheet HTML 15Page - Tyco Electronics 4-87230-0 Datasheet HTML 16Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 96 page
background image
96
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Standard Headers—Unshrouded, Double-Row,
.100 x .100 [2.54 x 2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
A
.200
[5.08]
Ref.
(Contact Area)
B
.042
[1.07]
Typ.
.025 [0.64] Square
Straight Post
Material and Finish
Housing — Black thermoplastic,
94V-0 rated
Posts — Copper alloy, plated as follows:
Plating A — Selectively plated
.000030 [0.00076] gold on contact area,
with gold flash over .000050 [0.00127]
nickel on entire post
Plating B — Selectively plated
.000015 [0.00038] gold on contact area,
with gold flash over .000050 [0.00127]
nickel on entire post
Tin/Nickel — Plating option available;
minimum order quantities may apply.
Consult Tyco Electronics.
Related Product Data
Mateable Connectors —
Refer to the Mating Post Selection
Guide — page 90
Accessories
Barrier Insert — page 204
Technical Documents — page 276
See mating connector for applicable
product and application specifications.
.125
[3.18]
.318
[8.08]
.046/.038
[1.17/0.97]
B
.100*
[2.54]
.035±.003
[0.89±0.08]
Dia. Typ.
Recommended PC Board Hole Layout
(for .055 [1.40] min. thick PC board)
*±.003 [±0.08] tolerances not to accumulate
within one connector pattern.
.100
[2.54]
.100
[2.54]
Typ.
.100*
[2.54]
.090
[2.29]
.050
[1.27]
Max. Typ.
No. of
Dimensions
Post Plating/Part Nos.
Pos.
A
B
Plating A
Plating B
2
.084 [2.13]
1-87215-0
87227-1
4
.184 [4.67]
.100 [2.54]
1-87215-1
87227-2
6
.284 [7.21]
.200 [5.08]
1-87215-2
87227-3
8
.384 [9.75]
.300 [7.62]
87215-1
87227-4
10
.484 [12.29]
.400 [10.16]
87215-2
87227-5
12
.584 [14.83]
.500 [12.70]
87215-3
87227-6
14
.684 [17.37]
.600 [15.24]
87215-4
87227-7
16
.784 [19.91]
.700 [17.78]
87215-5
87227-8
18
.884 [22.45]
.800 [20.32]
87215-6
87227-9
20
.984 [24.99]
.900 [22.86]
87215-7
1-87227-0
22
1.084 [27.53]
1.000 [25.40]
1-87215-3
1-87227-1
24
1.184 [30.07]
1.100 [27.94]
87215-8
1-87227-2
26
1.284 [32.61]
1.200 [30.48]
87215-9
1-87227-3
28
1.384 [35.15]
1.300 [33.02]
1-87215-4
1-87227-4
30
1.484 [37.69]
1.400 [35.56]
1-87215-5
1-87227-5
32
1.584 [40.23]
1.500 [38.10]
1-87215-6
1-87227-6
34
1.684 [42.77]
1.600 [40.64]
1-87215-7
1-87227-7
36
1.784 [45.31]
1.700 [43.18]
1-87215-8
1-87227-8
38
1.884 [47.85]
1.800 [45.72]
1-87215-9
1-87227-9
40
1.984 [50.39]
1.900 [48.26]
2-87215-0
2-87227-0


유사한 부품 번호 - 4-87230-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-87232-0 MACOM-4-87232-0 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
4-87233-0 MACOM-4-87233-0 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
More results

유사한 설명 - 4-87230-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com