전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-87230-0 데이터시트(PDF) 19 Page - Tyco Electronics

부품명 4-87230-0
상세설명  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-87230-0 데이터시트(HTML) 19 Page - Tyco Electronics

Back Button 4-87230-0 Datasheet HTML 15Page - Tyco Electronics 4-87230-0 Datasheet HTML 16Page - Tyco Electronics 4-87230-0 Datasheet HTML 17Page - Tyco Electronics 4-87230-0 Datasheet HTML 18Page - Tyco Electronics 4-87230-0 Datasheet HTML 19Page - Tyco Electronics 4-87230-0 Datasheet HTML 20Page - Tyco Electronics 4-87230-0 Datasheet HTML 21Page - Tyco Electronics 4-87230-0 Datasheet HTML 22Page - Tyco Electronics 4-87230-0 Datasheet HTML 23Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 96 page
background image
103
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Breakaway Headers—Unshrouded, Single-Row,
.100 [2.54] Centerline (Continued)
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
A
D
C
E Ref.
(Contact
Area)
.100*
[2.54]
B
.138
[3.51]
.042
[1.07]
(2 Plc.)
.090
[2.29]
Material and Finish
Housing — Black thermoplastic, 94V-0
rated, high temperature compatible
Posts — Phosphor bronze, duplex
plated .000030 [0.00076] gold on con-
tact area, .000100-.000200 [0.00254-
0.00508] matte tin on solder tail, with
entire post underplated .000050
[0.00127] nickel
Performance Characteristics
(Board Retention Tails)
Insertion Force — 12 lb [53.4N] max.
Retention Force — .25 lb [1.11N] min.
Related Product Data
Mateable Connectors —
Refer to the Mating Post Selection
Guide — page 90
Technical Documents — page 276
See mating connector for applicable
product and application specifications.
.025 [0.64] Square
Right-Angle Posts
.100
[2.54]
Typ.
.140
[3.56]
*±.003 [±0.08] tolerances not to accumulate within one connector pattern.
Headers with Solder Tails
Recommended PC Board Mounting Pattern
(for .062 [1.57] thick PC board; .008 [.203] thick stencil)
Headers with Board Retention Tails
.045
[1.14]
Typ.
.090±.002
[2.29±0.05]
.030±.002
[0.76±0.05]
.035±.003
[0.89±0.08]
Dia. Typ.
(Plated)
Recommended Hole Size
Before Plating
.045±.001
[1.14±0.02]
Dia. Typ.
D
C
.090
[2.29]
.140
[3.56]
E Ref.
(Contact
Area)
A
B
.138
[3.51]
.042
[1.07]
(2 Plc.)
.100
[2.54]
Typ.
.100*
[2.54]
.045
[1.14]
Typ.
.030±.002
[0.76±0.05]
.040±.003
[1.02±0.08]
Dia. Typ.
(Plated)
Recommended Hole Size
Before Plating
.045±.001
[1.14±0.02]
Dia. Typ.
.150±.002
[3.81±0.05]
*±.003 [±0.08] tolerances not to accumulate within one connector pattern.
Recommended PC Board Mounting Pattern
(for .062 [1.57] thick PC board; .008 [.203] thick stencil)
C = .120 [3.05]
C = .110 [2.79]
Header
No. of
Dimensions
D = .230 [5.84]
D = .318 [8.08]
Style
Pos.
A
B
E = .185 [4.70]
E = .200 [5.08]
Part Nos.
Part Nos.
With
5-146304-1
5-146305-1
Solder Tails
1
.084 [2.13]
(See Notes
40
9-146304-0
9-146305-0
1 and 2.)
3.984 [101.19]
3.900 [99.06]
With Board
5-146306-3
5-146307-3
Retention Tails
3
.084 [2.13]
(See Note 2.)
40
9-146306-0
9-146307-0
3.984 [101.19]
3.900 [99.06]
Notes: 1. Headers without retention tails may be broken to the desired number of positions using Tool Kit No. 314818-1 (not shown).
Notes: 2. Headers are also available in sizes 2 thru 39 positions (with Solder Tails) and 4 thru 39 positions (with Board Retention Tails).
When ordering, add the prefix and/or suffix (dash) numbers plus 5- -0 to the base part number that corresponds with the number
of positions. For example, the complete part number for an 8-position header with solder tails (C dimension .120 [3.05)] would be
5-146304-8. The complete part number for a 26-position header with board retention tails (C dimension .120 [3.05]) would be
7-146306-6. This part numbering system applies only to this page.
Board Retention
using Swaged Tails
(All Header Sizes)


유사한 부품 번호 - 4-87230-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-87232-0 MACOM-4-87232-0 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
4-87233-0 MACOM-4-87233-0 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
More results

유사한 설명 - 4-87230-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com