전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-87220-0 데이터시트(PDF) 37 Page - Tyco Electronics

부품명 4-87220-0
상세설명  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-87220-0 데이터시트(HTML) 37 Page - Tyco Electronics

Back Button 4-87220-0 Datasheet HTML 33Page - Tyco Electronics 4-87220-0 Datasheet HTML 34Page - Tyco Electronics 4-87220-0 Datasheet HTML 35Page - Tyco Electronics 4-87220-0 Datasheet HTML 36Page - Tyco Electronics 4-87220-0 Datasheet HTML 37Page - Tyco Electronics 4-87220-0 Datasheet HTML 38Page - Tyco Electronics 4-87220-0 Datasheet HTML 39Page - Tyco Electronics 4-87220-0 Datasheet HTML 40Page - Tyco Electronics 4-87220-0 Datasheet HTML 41Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 96 page
background image
121
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
Standard Profile Headers—Shrouded, with .150 [3.81] End Dimension,
Double-Row, .100 x .100 [2.54 x 2.54] Centerline (Continued)
Material and Finish
Housing — Black thermoplastic,
94V-0 rated
Posts — Phosphor bronze, duplex
plated .000015 [0.00038] gold on
contact area, .000100-.000200
[0.00254-0.00508] tin on solder area,
with entire post underplated .000050
[0.00127] nickel
Related Product Data
Mateable Connectors
AMPMODU MTE Receptacles —
pages 232, 233, 235 (used with
coupling shroud on page 241)
AMPMODU Wire-Applied
Receptacles — pages 216-219
Accessories
Barrier Insert — page 204
Technical Documents — page 276
See mating connector for applicable
product and application specifications.
C
.100*
[2.54]
.040±.003
[1.02±0.08]
Dia. Typ.
A
.090
[2.29]
Recommended PC Board Hole Layout
(for .055 [1.40] min. thick PC board)
*±.003 [±0.08] tolerances not to accumulate
within one connector pattern.
.025 [0.64] Square
Straight Post (with
Plastic Holddowns)
B
.400
[10.16]
.100
[2.54]
Typ.
.150
[3.81]
(2 Plc.)
.125
[3.18]
.200
[5.08]
Ref.
(Contact Area)
.318
[8.08]
.090
[2.29]
(2 Plc.)
.100
[2.54]
.040
[1.02]
(3 Plc.)
.100*
[2.54]
Typ.
.440
[11.18]
C
.050
[1.27]
(2 Plc.)
.140
[3.56]
(2 Plc.)
.093
+.004
.093
-.000
2.36
+0.10
2.36
-.000
.015
[.020]
0.38
[0.51]
[
]
[]
Dia. Typ.
.280
[7.11]
No. of
Dimensions
Part Nos.
Pos.
ABC
Plating A
6
.580 [14.73]
.500 [12.70]
.200 [5.08]
5-104317-1
10
.780 [19.81]
.700 [17.78]
.400 [10.16]
5-104317-2
12
.880 [22.35]
.800 [20.32]
.500 [12.70]
5-104317-3
14
.980 [24.89]
.900 [22.86]
.600 [15.24]
5-104317-4
16
1.080 [27.43]
1.000 [25.40]
.700 [17.78]
6-104317-6
18
1.180 [29.97]
1.100 [27.94]
.800 [20.32]
5-104317-5
20
1.280 [32.51]
1.200 [30.48]
.900 [22.86]
5-104317-6
22
1.380 [35.05]
1.300 [33.02]
1.000 [25.40]
5-104317-7
24
1.480 [37.59]
1.400 [35.56]
1.100 [27.94]
5-104317-8
26
1.580 [40.13]
1.500 [38.10]
1.200 [30.48]
5-104317-9
30
1.780 [45.21]
1.700 [43.18]
1.400 [35.56]
6-104317-0
32
1.880 [47.75]
1.800 [45.72]
1.500 [38.10]
6-104317-1
34
1.980 [50.29]
1.900 [48.26]
1.600 [40.64]
6-104317-8
36
2.080 [52.83]
2.000 [50.80]
1.700 [43.18]
6-104317-7
40
2.280 [57.91]
2.200 [55.88]
1.900 [48.26]
6-104317-2
42
2.380 [60.45]
2.300 [58.42]
2.000 [50.80]
6-104317-5
48
2.680 [68.07]
2.600 [66.04]
2.300 [58.42]
6-104317-3
50
2.780 [70.61]
2.700 [68.58]
2.400 [60.96]
6-104317-4
.180
[4.57]


유사한 부품 번호 - 4-87220-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
4-87220-0 MACOM-4-87220-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

유사한 설명 - 4-87220-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com