전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-87224-0 데이터시트(PDF) 65 Page - Tyco Electronics

부품명 4-87224-0
상세설명  AMPMODU Headers and Receptacles, .100 [2.54] Centerline
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

4-87224-0 데이터시트(HTML) 65 Page - Tyco Electronics

Back Button 4-87224-0 Datasheet HTML 61Page - Tyco Electronics 4-87224-0 Datasheet HTML 62Page - Tyco Electronics 4-87224-0 Datasheet HTML 63Page - Tyco Electronics 4-87224-0 Datasheet HTML 64Page - Tyco Electronics 4-87224-0 Datasheet HTML 65Page - Tyco Electronics 4-87224-0 Datasheet HTML 66Page - Tyco Electronics 4-87224-0 Datasheet HTML 67Page - Tyco Electronics 4-87224-0 Datasheet HTML 68Page - Tyco Electronics 4-87224-0 Datasheet HTML 69Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 96 page
background image
149
Catalog 1307819
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 8-08
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
ACTION PIN Headers—Shrouded with .150 [3.81] End Dimension,
Double-Row, .100 x .100 [2.54 x 2.54] Centerline
AMPMODU Interconnection System
Note: All part numbers are RoHS compliant.
5
A
.200
[5.08]
Ref.
(Contact Area)
B
.150
[3.81]
(2 Plc.)
.025 [0.64] Square
Straight Post (with Detent
Windows, for .093-.125
[.236-3.18] Thick PC Board)
Material and Finish
Housing — Black thermoplastic, 94V-0
rated
Posts — Copper alloy, duplex plated
.000030 [0.00076] gold on contact area,
.000100-.000200 [0.00254-0.00508]
matte tin on termination end, with entire
post underplated .000050 [0.00127]
nickel
Related Product Data
Mateable Connectors —
AMPMODU MTE Receptacles —
pages 232, 233
ACTION PIN Posts — pages 150, 151
Application Tooling — page 152
Accessories
Barrier Insert — page 204
Technical Documents — page 276
See mating connector for applicable
product and application specifications
.250
[6.35]
.320
[8.13]
B
.100*
[2.54]
See page 151 for
hole dimensions
Recommended PC Board Hole Layout
*±.003 [±0.08] tolerances not to accumulate
within one connector pattern.
.100
[2.54]
Typ.
.090
[2.29]
No. of
Dimensions
Header
Pos.
AB
C
D
E
Part Nos.
6
.580 [14.73]
.500 [8.43]
.200 [5.08]
.190 [4.83]
6-102557-0
8
.680 [17.27]
.600 [10.97]
.300 [7.62]
.190 [4.83]
6-102557-1
10
.780 [19.81]
.700 [17.78]
.400 [10.16]
.290 [7.37]
5-102557-9
12
.880 [22.35]
.800 [20.32]
.500 [12.70]
.290 [7.37]
6-102557-2
14
.980 [24.89]
.900 [22.86]
.600 [15.24]
.390 [9.91]
6-102557-3
16
1.080 [27.43]
1.000 [25.40]
.700 [17.78]
.390 [9.91]
6-102557-4
18
1.180 [29.97]
1.100 [27.94]
.800 [20.32]
.490 [10.31]
6-102557-5
20
1.280 [32.51]
1.200 [30.48]
.900 [22.86]
.190 [4.83]
.890 [22.61]
5-102557-2
24
1.480 [37.59]
1.400 [35.56]
1.100 [27.94]
.190 [4.83]
1.090 [27.69]
6-102557-7
26
1.580 [40.13]
1.500 [38.10]
1.200 [30.48]
.190 [4.83]
1.190 [30.23]
5-102557-3
30
1.780 [45.21]
1.700 [43.18]
1.400 [35.56]
.190 [4.83]
1.390 [35.31]
5-102557-4
34
1.980 [50.29]
1.900 [48.26]
1.600 [40.64]
.190 [4.83]
1.590 [40.39]
5-102557-5
40
2.280 [57.91]
2.200 [55.88]
1.900 [48.26]
.190 [4.83]
1.890 [48.01]
5-102557-1
50
2.780 [70.61]
2.700 [68.58]
2.400 [60.96]
.190 [4.83]
2.390 [60.71]
5-102557-6
60
3.280 [83.31]
3.200 [81.28]
2.900 [73.66]
.190 [4.83]
2.890 [73.41]
5-102557-7
.100*
[2.54]
C
.090
[2.29]
(2 Plc.)
.100
[2.54]
.040
[1.02]
(3 Plc.)
.400
[10.16]
.440
[11.18]
.085
[2.16]
.240
[6.10]
(2 Plc.)
D
E


유사한 부품 번호 - 4-87224-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-87224-0 MACOM-4-87224-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
4-87224-0 MACOM-4-87224-0 Datasheet
3Mb / 96P
   AMPMODU .025 [0.64] Square Interconnection System
4-87224-0 MACOM-4-87224-0 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
More results

유사한 설명 - 4-87224-0

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
logo
Adam Technologies, Inc.
BHR50VU ADAM-TECH-BHR50VU Datasheet
122Kb / 1P
   .100 BOX HEADERS .100 X .100 [2.54 X 2.54] CENTERLINE
BHR-10-VSGA ADAM-TECH-BHR-10-VSGA Datasheet
489Kb / 3P
   100 BOX HEADERS 100 x .100 2.54 x 2.54 CENTERLINE
DPH-1 ADAM-TECH-DPH-1 Datasheet
135Kb / 1P
   .100 PIN HEADERS DUAL INSULATOR .100 [2.54] CENTERLINE
BHRE50VUAXXX ADAM-TECH-BHRE50VUAXXX Datasheet
130Kb / 1P
   .100 ELEVATED BOX HEADERS.100 X .100 [2.54 X 2.54] CENTERLINE
PH1-40-UA ADAM-TECH-PH1-40-UA Datasheet
731Kb / 4P
   .100 2.54 CENTERLINE
MHR40VUAL ADAM-TECH-MHR40VUAL Datasheet
130Kb / 1P
   .100 LATCH HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
MSA ADAM-TECH-MSA Datasheet
154Kb / 1P
   .100 MINI SHUNTS .100 [2.54] CENTERLINE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com