전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4804CDY-T1-GE3 데이터시트(PDF) 2 Page - Vishay Siliconix

부품명 SI4804CDY-T1-GE3
상세설명  Dual N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4804CDY-T1-GE3 데이터시트(HTML) 2 Page - Vishay Siliconix

  SI4804CDY-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI4804CDY-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI4804CDY-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI4804CDY-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI4804CDY-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI4804CDY-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI4804CDY-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 68924
S-82485-Rev. A, 13-Oct-08
Vishay Siliconix
Si4804CDY
New Product
Notes:
a. Guaranteed by design, not subject to production testing.
b. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
31
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 5.1
Gate Threshold Voltage
VGS(th)
VDS = VGS , ID = 250 µA
1.2
2.4
V
Gate Body Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
1
µA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currentb
ID(on)
VDS = 5 V, VGS = 10 V
20
A
Drain-Source On-State Resistanceb
RDS(on)
VGS = 10 V, ID = 7.5 A
0.018
0.022
Ω
VGS = 4.5 V, ID = 6.5 A
0.022
0.027
Forward Transconductanceb
gfs
VDS = 15 V, ID = 7.5 A
20
S
Dynamica
Input Capacitance
Ciss
N-Channel
VDS = 15 V, VGS = 0 V, f = 1 MHz
865
pF
Output Capacitance
Coss
131
Reverse Transfer Capacitance
Crss
66
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 7.5 A
15.4
23
nC
N-Channel
VDS = 15 V, VGS = 4.5 V, ID = 7.5 A
7
10.5
Gate-Source Charge
Qgs
2.3
Gate-Drain Charge
Qgd
2.2
Gate Resistance
Rg
f = 1 MHz
0.4
1.9
3.8
Ω
Turn-On Delay Time
td(on)
N-Channel
VDD = 15 V, RL = 3 Ω
ID ≅ 5 A, VGEN = 10 V, Rg = 1 Ω
918
ns
Rise Time
tr
12
24
Turn-Off Delay Time
td(off)
17
34
Fall Time
tf
918
Turn-On Delay Time
td(on)
N-Channel
VDD = 15 V, RL = 3 Ω
ID ≅ 5 A, VGEN = 4.5 V, Rg = 1 Ω
17
34
Rise Time
tr
13
26
Turn-Off Delay Time
td(off)
19
35
Fall Time
tf
918
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
2.4
A
Pulse Diode Forward Currenta
ISM
30
Body Diode Voltage
VSD
IS = 1.8 A
0.77
1.1
V
Body Diode Reverse Recovery Time
trr
N-Channel
IF = 5 A, dI/dt = 100 A/µs, TJ = 25 °C
16
32
ns
Body Diode Reverse Recovery Charge
Qrr
816
nC
Reverse Recovery Fall Time
ta
10
ns
Reverse Recovery Rise Time
tb
6


유사한 부품 번호 - SI4804CDY-T1-GE3

제조업체부품명데이터시트상세설명
logo
Analog Devices
Si4804CDY AD-Si4804CDY Datasheet
853Kb / 32P
   Dual 5 A, 20 V Synchronous Step-Down
REV. 0
Si4804CDY AD-Si4804CDY Datasheet
2Mb / 32P
   Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
REV. A
More results

유사한 설명 - SI4804CDY-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com