전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si7013-A10-GMR 데이터시트(PDF) 10 Page - Silicon Laboratories

부품명 Si7013-A10-GMR
상세설명  I2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si7013-A10-GMR 데이터시트(HTML) 10 Page - Silicon Laboratories

Back Button Si7013-A10-GMR Datasheet HTML 6Page - Silicon Laboratories Si7013-A10-GMR Datasheet HTML 7Page - Silicon Laboratories Si7013-A10-GMR Datasheet HTML 8Page - Silicon Laboratories Si7013-A10-GMR Datasheet HTML 9Page - Silicon Laboratories Si7013-A10-GMR Datasheet HTML 10Page - Silicon Laboratories Si7013-A10-GMR Datasheet HTML 11Page - Silicon Laboratories Si7013-A10-GMR Datasheet HTML 12Page - Silicon Laboratories Si7013-A10-GMR Datasheet HTML 13Page - Silicon Laboratories Si7013-A10-GMR Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
Si7013
10
Rev. 0.95
Table 6. Voltage Converter Specifications
1.9 ≤ VDD ≤ 3.6 V; TA = –40 to +85 °C (G grade) or –40 to +125 °C (Y grade); default conversion time, VREF = 1.25 V internal or
VDDA, buffered and unbuffered mode, unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Resolution
VREF/
32768
—V
Integral Non-linearity
INL
|VINP-VINN| < VREF/2
1
LSB
Differential Non-linearity
DNL
|VINP-VINN| < VREF/2
1
LSB
Noise
N
|VINP-VINN| < VREF/2,
VREF =1.25V
—25—
µVRMS
Input Offset
(Buffered Mode)
VOS
|VINP-VINN| = 0
10
mV
Input Offset
(Unbuffered Mode)
VOS
|VINP-VINN| = 0
1
mV
Gain Accuracy
∆GVREF = 1.25 V; gain is absolute
+1+2%
VREF =VDD; gain is relative to VDD
—+0.25
+0.5
%
Notes:
1.
In unbuffered mode, RIN*CIN should be < 0.5usec. CIN minimum is around 10 pF.
2.
In buffered mode, VINP and VINN must be > 0.5 V and < VDD for best performance.


유사한 부품 번호 - Si7013-A10-GMR

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
Si7013-A10-GMR SILABS-Si7013-A10-GMR Datasheet
49Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

유사한 설명 - Si7013-A10-GMR

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI7013-A20 SILABS-SI7013-A20 Datasheet
1Mb / 45P
   IC HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
SI7013-A20-GM1R SILABS-SI7013-A20-GM1R Datasheet
2Mb / 45P
   2C HUMIDITY AND TWO-ZONE TEMPERATURE SENSOR
Rev. 1.4 4/20
logo
HOPE Microelectronics C...
TH06 HOPE-TH06 Datasheet
365Kb / 26P
   I2C HUMIDITY AND TEMPERATURE SENSOR
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
   DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
   Humidity and Temperature Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
   HUMIDITY AND TEMPERATURE SENSOR
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
   Humidity and Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com