전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD713JRZ-16 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD713JRZ-16
상세설명  Precision, High Speed, BiFET Quad Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD713JRZ-16 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD713JRZ-16 Datasheet HTML 6Page - Analog Devices AD713JRZ-16 Datasheet HTML 7Page - Analog Devices AD713JRZ-16 Datasheet HTML 8Page - Analog Devices AD713JRZ-16 Datasheet HTML 9Page - Analog Devices AD713JRZ-16 Datasheet HTML 10Page - Analog Devices AD713JRZ-16 Datasheet HTML 11Page - Analog Devices AD713JRZ-16 Datasheet HTML 12Page - Analog Devices AD713JRZ-16 Datasheet HTML 13Page - Analog Devices AD713JRZ-16 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD713
Rev. F | Page 10 of 20
TEST CIRCUITS
+
1µF
0.1µF
+
1µF
0.1µF
+VS
COM
–VS
1/4
AD713
9kΩ
1kΩ
OUTPUT
ALL 4 AMPLIFIERS
ARE CONNECTED
AS SHOWN.
INPUT
SIGNAL
OR
GROUND*
1kΩ
AD713
PIN 4
AD713
PIN 11
*THE SIGNAL INPUT (1kHz SINEWAVE, 2V p-p) IS APPLIED TO ONE
AMPLIFIER AT A TIME. THE OUTPUTS OF THE OTHER THREE
AMPLIFIERS ARE THEN MEASURED FOR CROSSTALK.
+VS
VOUT
VIN
–VS
1/4
AD713
4
11
+
1µF
0.1µF
+
1µF
0.1µF
SQUARE
WAVE
INPUT
RL
2kΩ
CL
10pF
Figure 26. Crosstalk Test Circuit for Figure 21
Figure 27. Unity Gain Follower Circuit for Figure 22 and Figure 23
+VS
2kΩ
2kΩ
VOUT
VIN
–VS
1/4
AD713
4
11
+
1µF
0.1µF
+
1µF
7.5pF
0.1µF
SQUARE
WAVE
INPUT
RL
2kΩ
CL
10pF
Figure 28. Unity Gain Inverter Circuit for Figure 24 and Figure 25


유사한 부품 번호 - AD713JRZ-16

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD713JRZ-16 AD-AD713JRZ-16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JRZ-16 AD-AD713JRZ-16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JRZ-16 AD-AD713JRZ-16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JRZ-16 AD-AD713JRZ-16 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
AD713JRZ-16-REEL AD-AD713JRZ-16-REEL Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
More results

유사한 설명 - AD713JRZ-16

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
AD713KNZ AD-AD713KNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR AD-AD713JR Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_15 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_11 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com