전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431ACUS 데이터시트(PDF) 8 Page - Analog Intergrations Corporation

부품명 TL431ACUS
상세설명  Adjustable Precision Shunt Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AIC [Analog Intergrations Corporation]
홈페이지  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

TL431ACUS 데이터시트(HTML) 8 Page - Analog Intergrations Corporation

Back Button TL431ACUS Datasheet HTML 3Page - Analog Intergrations Corporation TL431ACUS Datasheet HTML 4Page - Analog Intergrations Corporation TL431ACUS Datasheet HTML 5Page - Analog Intergrations Corporation TL431ACUS Datasheet HTML 6Page - Analog Intergrations Corporation TL431ACUS Datasheet HTML 7Page - Analog Intergrations Corporation TL431ACUS Datasheet HTML 8Page - Analog Intergrations Corporation TL431ACUS Datasheet HTML 9Page - Analog Intergrations Corporation TL431ACUS Datasheet HTML 10Page - Analog Intergrations Corporation TL431ACUS Datasheet HTML 11Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AIC431/TL431A/TL431
8
n SYMBOL
n BLOCK DIAGRAM
ANODE (A)
REF (R)
CATHODE (C)
AIC431
ANODE (A)
REF (R)
+
-
2.495V
n APPLICATION EXAMPLES
VIN
R1A
R2A
R1B
R2B
AIC431
AIC431
R
ON
OFF
C
VIN
+
AIC431
LED on when Low Limit<VIN< High Limit
Low Limit
≅ V
REF (1+R1B/R2B)
Delay=R x C x
ln ( V
V
V
IN
IN
REF
)
High Limit
≅ V
REF (1+R1A/R2A)
Fig. 4 Voltage Monitor
Fig. 5 Delay Timer
RCL
IOUT
VIN
AIC431
R
VIN
S
IOUT
AIC431
IOUT=VREF/ RCL
IOUT=VREF /RS
Fig. 6
Current Limiter or Current Source
Fig. 7 Constant-Current Sink


유사한 부품 번호 - TL431ACUS

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TL431AC PHILIPS-TL431AC Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
STMicroelectronics
TL431AC STMICROELECTRONICS-TL431AC Datasheet
152Kb / 10P
   PROGRAMMABLE VOLTAGE REFERENCE
TL431AC STMICROELECTRONICS-TL431AC Datasheet
243Kb / 13P
   Programmable Voltage Reference
TL431ACCT STMICROELECTRONICS-TL431ACCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
ON Semiconductor
TL431ACD ONSEMI-TL431ACD Datasheet
176Kb / 19P
   Programmable Precision References
November, 2006 ??Rev. 25
More results

유사한 설명 - TL431ACUS

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com