전자부품 데이터시트 검색엔진 |
|
ADR433ARZ 데이터시트(PDF) 10 Page - Analog Devices |
|
ADR433ARZ 데이터시트(HTML) 10 Page - Analog Devices |
10 / 24 page ADR430/ADR431/ADR433/ADR434/ADR435/ADR439 Rev. J | Page 10 of 24 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 8. Parameter Rating Supply Voltage 20 V Output Short-Circuit Duration to GND Indefinite Storage Temperature Range −65°C to +150°C Operating Temperature Range −40°C to +125°C Junction Temperature Range −65°C to +150°C Lead Temperature, Soldering (60 sec) 300°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. THERMAL RESISTANCE θJA is specified for the worst-case conditions, that is, a device soldered in a circuit board for surface-mount packages. Table 9. Thermal Resistance Package Type θJA θJC Unit 8-Lead SOIC_N (R) 130 43 °C/W 8-Lead MSOP (RM) 142 44 °C/W ESD CAUTION |
유사한 부품 번호 - ADR433ARZ |
|
유사한 설명 - ADR433ARZ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |