전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9220-EB 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD9220-EB
상세설명  High Speed ADC USB FIFO Evaluation Kit
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9220-EB 데이터시트(HTML) 4 Page - Analog Devices

  AD9220-EB Datasheet HTML 1Page - Analog Devices AD9220-EB Datasheet HTML 2Page - Analog Devices AD9220-EB Datasheet HTML 3Page - Analog Devices AD9220-EB Datasheet HTML 4Page - Analog Devices AD9220-EB Datasheet HTML 5Page - Analog Devices AD9220-EB Datasheet HTML 6Page - Analog Devices AD9220-EB Datasheet HTML 7Page - Analog Devices AD9220-EB Datasheet HTML 8Page - Analog Devices AD9220-EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 4 of 28
VIRTUAL EVALUATION BOARD EASY START WITH ADIsimADC
REQUIREMENTS
Requirements include
Completed installation of ADC Analyzer, Version 4.5.17 or
later.
ADIsimADC product model files for the desired converter.
Models are not installed with the software, but they can be
downloaded from the ADIsimADC Virtual Evaluation
Board website at no charge.
No hardware is required. However, if you wish to compare
results of a real evaluation board and the model, you can switch
easily between the two, as outlined in the following Easy Start
Steps section.
EASY START STEPS
1.
To get ADC model files, go to www.analog.com/ADIsimADC
for the product of interest. Download the product of
interest to a local drive. The default location is c:\program
files\adc_analyzer\models.
2.
Start ADC Analyzer (see the ADC Analyzer User Manual).
3.
From the menu, click Config > Buffer > Model as the
buffer memory. In effect, the model functions in place of
the ADC and data capture hardware.
4.
After selecting the model, click the Model button (located
next to the Stop button) to select and configure which
converter is to be modeled. A dialog box appears in the
workspace, where you can select and configure the
behavior of the model.
5.
In the ADC Modeling dialog box, click the Device tab and
then click the
… (Browse) button, adjacent to the dialog
box. This opens a file browser and displays all of the
models found in the default directory: c:\program
files\adc_analyzer\models. If no model files are found,
follow the on-screen directions or see Step 1 to install
available models. If you have saved the models somewhere
other than the default location, use the browser to navigate
to that location and select the file of interest.
6.
From the menu, click Config > FFT. In the FFT
Configuration
dialog box, ensure that the Encode
Frequency
is set for a valid rate for the simulated device
under test. If set too low or too high, the model does not run.
7.
Once a model has been selected, information about the
model displays on the Device tab of the ADC Modeling
dialog box. After ensuring that you have selected the right
model, click the Input tab. This lets you configure the
input to the model. Click either Sine Wave or Two Tone
for the input signal.
8.
Click Time Data (left-most button under the pull-down
menus). A reconstruction of the analog input is displayed.
The model can now be used just as a standard evaluation
board would be.
9.
The model supports additional features not found when
testing a standard evaluation board. When using the
modeling capabilities, it is possible to sweep either the
analog amplitude or the analog frequency. For more
information consult the ADC Analyzer User Manual at
www.analog.com/hsc-FIFO.


유사한 부품 번호 - AD9220-EB

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9220-EB AD-AD9220-EB Datasheet
470Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220-EB AD-AD9220-EB Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220-EB AD-AD9220-EB Datasheet
518Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
REV. E
AD9220-EB AD-AD9220-EB Datasheet
412Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS ithic A/D Converters
Rev. E
AD9220-EB AD-AD9220-EB Datasheet
423Kb / 32P
   Complete 12-Bit 1.5/3.0/10.0 MSPS Monolithic A/D Converters
Rev. E
More results

유사한 설명 - AD9220-EB

제조업체부품명데이터시트상세설명
logo
Analog Devices
HSC-ADC-EVALA-DC AD-HSC-ADC-EVALA-DC_15 Datasheet
2Mb / 44P
   High Speed ADC USB FIFO Evaluation Kit
HSC-ADC-EVALA-SC AD-HSC-ADC-EVALA-SC_15 Datasheet
2Mb / 44P
   High Speed ADC USB FIFO Evaluation Kit
logo
List of Unclassifed Man...
UMFT60X ETC2-UMFT60X Datasheet
1Mb / 24P
   UMFT60x FIFO TO USB 3.0 Bridge Evaluation Board
logo
STMicroelectronics
TS613 STMICROELECTRONICS-TS613 Datasheet
166Kb / 2P
   High-speed operational amplifier evaluation board kit
logo
Future Technology Devic...
FT4232H-56Q FTDI-FT4232H-56Q Datasheet
728Kb / 18P
   USB Hi-Speed FT4232H Evaluation
FT2232HQ-REEL FTDI-FT2232HQ-REEL Datasheet
1Mb / 90P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H FTDI-FT2232H_12 Datasheet
2Mb / 67P
   Dual High Speed USB to Multipurpose UART/FIFO IC
FT2232H-56Q FTDI-FT2232H-56Q Datasheet
721Kb / 17P
   USB Hi-Speed FT2232H Evaluation
logo
STMicroelectronics
UM0068 STMICROELECTRONICS-UM0068 Datasheet
505Kb / 17P
   USB low-speed evaluation board
logo
Future Technology Devic...
FT2232H FTDI-FT2232H_10 Datasheet
1Mb / 63P
   DUAL HIGH SPEED USB TO MULTIPURPOSE UART/FIFO IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com