전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74CBTLV3257DGVR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74CBTLV3257DGVR
상세설명  Low-Voltage 4-Bit 1-of-2 FET Multiplexer/Demultiplexer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74CBTLV3257DGVR 데이터시트(HTML) 5 Page - Texas Instruments

  SN74CBTLV3257DGVR Datasheet HTML 1Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 2Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 3Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 4Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 5Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 6Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 7Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 8Page - Texas Instruments SN74CBTLV3257DGVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
VCC/2
th
tsu
From Output
Under Test
CL
(see Note A)
LOAD CIRCUIT
S1
2 × VCC
Open
GND
RL
RL
Data Input
Timing Input
VCC
0 V
VCC
0 V
0 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
VCC
0 V
Input
Output
Waveform 1
S1 at 2 × VCC
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
VCC
0 V
VOL + V∆
VOH − V∆
≈0 V
VCC
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
2 × VCC
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2 ns, tf ≤ 2 ns.
D. The outputs are measured one at a time with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. t PZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
H. All parameters and waveforms are not applicable to all devices.
Output
Control
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
VCC
VCC/2
VCC/2
2.5 V ± 0.2 V
3.3 V ± 0.3 V
500 Ω
500 Ω
VCC
RL
0.15 V
0.3 V
V∆
CL
30 pF
50 pF
SN74CBTLV3257
www.ti.com
SCDS040J – DECEMBER 1997 – REVISED JANUARY 2013
PARAMETER MEASUREMENT INFORMATION
Figure 1. Load Circuit and Voltage Waveforms
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :SN74CBTLV3257


유사한 부품 번호 - SN74CBTLV3257DGVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTLV3257DGVR TI-SN74CBTLV3257DGVR Datasheet
231Kb / 11P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIP LEXER
SN74CBTLV3257DGVR TI-SN74CBTLV3257DGVR Datasheet
766Kb / 17P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257DGVR TI-SN74CBTLV3257DGVR Datasheet
696Kb / 18P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257DGVR TI-SN74CBTLV3257DGVR Datasheet
793Kb / 20P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257DGVR TI1-SN74CBTLV3257DGVR Datasheet
1Mb / 28P
[Old version datasheet]   FET Multiplexer/Demultiplexer
More results

유사한 설명 - SN74CBTLV3257DGVR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74CBTLV3257 TI-SN74CBTLV3257_10 Datasheet
793Kb / 20P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257 TI-SN74CBTLV3257 Datasheet
94Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257 TI-SN74CBTLV3257_09 Datasheet
696Kb / 18P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3257-EP TI1-SN74CBTLV3257-EP_16 Datasheet
495Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
CCBTLV3257MPWREP TI1-CCBTLV3257MPWREP Datasheet
506Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3257C UTC-U74CBT3257C Datasheet
195Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3257 UTC-U74CBT3257 Datasheet
201Kb / 6P
   4-BIT 1-OF-2 FET MULTIPLEXER/ DEMULTIPLEXER
U74CBT3257C UTC-U74CBT3257C_15 Datasheet
224Kb / 5P
   4-BIT 1-OF-2 FET MULTIPLEXER / DEMULTIPLEXER
logo
Texas Instruments
SN74CB3T3257 TI1-SN74CB3T3257_15 Datasheet
547Kb / 16P
[Old version datasheet]   4-BIT 1-OF-2 FET MULTIPLEXER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74CBT3257 RENESAS-HD74CBT3257 Datasheet
236Kb / 13P
   4-bit 1-of-2 FET Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com