전자부품 데이터시트 검색엔진 |
|
Q2-3X 데이터시트(PDF) 1 Page - Qualtek Electronics Corporation |
|
Q2-3X 데이터시트(HTML) 1 Page - Qualtek Electronics Corporation |
|
1 / 1 page Operating temperature: -55°C to +125°C Minimum shrink temperature: 70°C Full recovery temperature: 100°C Approvals : File No. E236137 , File No. 242540, 125°C, VW-1, 600V Meets: Sony-SS-00259 Standard colors: Black, red, blue, yellow, green, white, clear Other colors are available upon request. RoHS Compliant www.Qualtekusa.com Q2-3X FLEXIBLE, THIN WALL FLAME RETARDANT POLYOLEFIN TUBING SHRINK RATIO 3:1 Features/Applications Widely used for electrical insulation. Protects in-line components, disconnect terminals and splices with its high strength and excellent resilience. Bundles terminals and components. Free from environment harmful substances such as PBB’s, PBBO’s, PBBE’s and toxic heavy metal compounds in its components. Notes: 1. * See page 13 - Part Number Guide for standard packaging codes. 2. Cross Reference Guide located on page 3. 3. Special sizes, packaging, colors and cut pieces are available upon request. HEAT SHRINK THIN WALL TUBING Technical Data Product Dimensions Size As Supplied (mm) After Recovered (mm) Standard Packaging Inch mm Inside Diameter (min.) Inside Diameter (max.) Wall Thickness (min.) Standard Spool *(SS) (Feet) Cut to Length Pcs. *(QB) Qty per bag 6” 48” 1/16 1.5/0.5 1.6 0.5 0.45 500 28 25 1/8 3.0/1.0 3.2 1.0 0.55 500 24 25 3/16 4.5/1.5 4.8 1.5 0.60 500 24 25 1/4 6.0/2.0 6.4 2.0 0.65 250 20 25 3/8 9.0/3.0 9.5 3.0 0.75 250 16 25 1/2 12.0/4.0 12.7 4.0 0.80 150 14 5 3/4 18.0/6.0 19.1 6.0 0.90 150 12 5 1 24.0/8.0 25.4 8.0 1.00 150 8 5 1 1/2 39.0/13.0 39.0 13.0 1.25 150 5 5 14 Property Test Method Typical Data Operating Temperature IEC 216 -55°C to +125°C Tensile Strength ASTM D 2671 >14 MPa Ultimate Elongation ASTM D 2671 > 400% Longitudinal Shrinkage UL 224 0 + 5% Eccentricity ASTM D 2671 < 30% Heat Aging Tensile Strength Ultimate Elongation 158°C, 168 hrs. > 12 MPa > 350 % Flammability VW-1 Pass Dielectric Strength ASTM D 150 > 20kV / mm Voltage Withstand ASTM D 2671 / AC2500V. 1 min. No Breakdown Volume Resistance ASTM D 2671 10 Ω.cm Copper Stability UL 224 Pass Copper Corrosion UL 224 No Corrosion 4 |
유사한 부품 번호 - Q2-3X_13 |
|
유사한 설명 - Q2-3X_13 |