전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS1100PWLE 데이터시트(PDF) 6 Page - Texas Instruments

부품명 TPS1100PWLE
상세설명  SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPS1100PWLE 데이터시트(HTML) 6 Page - Texas Instruments

Back Button TPS1100PWLE Datasheet HTML 2Page - Texas Instruments TPS1100PWLE Datasheet HTML 3Page - Texas Instruments TPS1100PWLE Datasheet HTML 4Page - Texas Instruments TPS1100PWLE Datasheet HTML 5Page - Texas Instruments TPS1100PWLE Datasheet HTML 6Page - Texas Instruments TPS1100PWLE Datasheet HTML 7Page - Texas Instruments TPS1100PWLE Datasheet HTML 8Page - Texas Instruments TPS1100PWLE Datasheet HTML 9Page - Texas Instruments TPS1100PWLE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TPS1100, TPS1100Y
SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
SLVS078C – DECEMBER 1993 – REVISED AUGUST 1995
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
– 5
– 4
– 2
– 1
0
– 3
0
– 1
– 2– 3– 4– 5
– 6
– 7
– 6
DRAIN CURRENT
vs
DRAIN-TO-SOURCE VOLTAGE
– 7
– 8
– 9 – 10
VGS = – 6 V
VDS – Drain-to-Source Voltage – V
VGS = – 8 V
VGS = – 7 V
VGS = – 3 V
VGS = – 4 V
VGS = – 2 V
VGS = – 5 V
TJ = 25°C
Figure 3
Figure 4
0
– 2
– 3
– 5
DRAIN CURRENT
vs
GATE-TO-SOURCE VOLTAGE
– 7
– 1
– 4
– 6
VGS – Gate-to-Source Voltage – V
TJ = 150°C
TJ = 25°C
TJ = – 40°C
VDS = –10 V
0
– 5
– 4
– 2
– 1
– 3
– 7
– 6
0.3
0.2
0.1
0
– 0.1
– 1
0.4
0.5
STATIC DRAIN-TO-SOURCE ON-STATE RESISTANCE
vs
DRAIN CURRENT
0.6
– 10
ID – Drain Current – A
0.7
VGS = – 2.7 V
VGS = – 3 V
VGS = – 4.5 V
VGS = –10 V
TJ = 25°C
Figure 5
200
150
50
0
0 – 1 – 2 – 3 – 4 – 5 – 6
250
300
CAPACITANCE
vs
DRAIN-TO-SOURCE VOLTAGE
350
– 7 – 8 – 9
–12
100
–10 –11
Coss
VDS – Drain-to-Source Voltage – V
Ciss†
Crss‡
VGS = 0
f = 1 MHz
TJ = 25°C
Figure 6
Crss + Cgd,Coss + Cds )
Cgs Cgd
Cgs ) Cgd
≈ C
ds )
C
gd
C
iss +
Cgs ) Cgd,Cds(shorted)


유사한 부품 번호 - TPS1100PWLE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS1100PW TI-TPS1100PW Datasheet
155Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
More results

유사한 설명 - TPS1100PWLE

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPS1101 TI-TPS1101 Datasheet
161Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1100 TI-TPS1100 Datasheet
155Kb / 10P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1101 TI1-TPS1101_12 Datasheet
495Kb / 13P
[Old version datasheet]   SINGLE P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Dongguan City Niuhang E...
NH2305A NIUHANG-NH2305A Datasheet
3Mb / 9P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Guilin Strong Micro-Ele...
GMS2301 GSME-GMS2301 Datasheet
268Kb / 3P
   P-Channel Enhancement-Mode MOSFETs
logo
Dongguan City Niuhang E...
NH2301 NIUHANG-NH2301 Datasheet
3Mb / 8P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
NH3401 NIUHANG-NH3401 Datasheet
2Mb / 3P
   P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Texas Instruments
TPS1120 TI-TPS1120 Datasheet
180Kb / 12P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
TPS1120 TI1-TPS1120_08 Datasheet
379Kb / 15P
[Old version datasheet]   DUAL P-CHANNEL ENHANCEMENT-MODE MOSFETS
logo
Silicon Standard Corp.
SSM4953M SSC-SSM4953M Datasheet
115Kb / 6P
   P-CHANNEL ENHANCEMENT-MODE POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com