전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PE64905 데이터시트(PDF) 4 Page - Peregrine Semiconductor

부품명 PE64905
상세설명  UltraCMOS Digitally Tunable Capacitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PSEMI [Peregrine Semiconductor]
홈페이지  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE64905 데이터시트(HTML) 4 Page - Peregrine Semiconductor

  PE64905 Datasheet HTML 1Page - Peregrine Semiconductor PE64905 Datasheet HTML 2Page - Peregrine Semiconductor PE64905 Datasheet HTML 3Page - Peregrine Semiconductor PE64905 Datasheet HTML 4Page - Peregrine Semiconductor PE64905 Datasheet HTML 5Page - Peregrine Semiconductor PE64905 Datasheet HTML 6Page - Peregrine Semiconductor PE64905 Datasheet HTML 7Page - Peregrine Semiconductor PE64905 Datasheet HTML 8Page - Peregrine Semiconductor PE64905 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Product Specification
PE64905
Page 4 of 11
©2011-2012 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0335-06 │ UltraCMOS® RFIC Solutions
-2
-1
0
1
2
3
4
5
6
7
8
9
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
02468
10
12
14
16
18
20
22
24
26
28
30
32
State
Measured Shunt C vs. State (Temperature)
C (pF) at +85C
C (pF) at +25C
C (pF) at -40C
Delta C (%) at +85C
Delta C (%) at -40C
Figure 6. Measured Step Size vs
State (frequency)
Figure 4. Measured Shunt C (@ 100 MHz) vs
State (temperature)
Figure 8. Measured Shunt C vs
Frequency (major states)
0.0
2.5
5.0
7.5
10.0
12.5
15.0
17.5
20.0
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
Frequency (GHz)
C0
C1
C2
C4
C8
C16
C31
-262
-131
0
131
262
393
524
655
786
917
1048
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
State
100 MHz
1000 MHz
2000 MHz
2500 MHz
Figure 5. Measured Shunt S11 (major states)
Figure 7. Measured Series S11/S22 (major states)
Figure 9. Measured Series S21 vs Frequency
(major states)
Performance Plots @ 25°C and 2.6V unless otherwise specified


유사한 부품 번호 - PE64905

제조업체부품명데이터시트상세설명
logo
Peregrine Semiconductor...
PE64905 PEREGRINE-PE64905 Datasheet
610Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64905MLBB-Z PEREGRINE-PE64905MLBB-Z Datasheet
610Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
More results

유사한 설명 - PE64905

제조업체부품명데이터시트상세설명
logo
Peregrine Semiconductor
PE64101 PSEMI-PE64101 Datasheet
579Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64909 PSEMI-PE64909 Datasheet
376Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64904 PSEMI-PE64904 Datasheet
602Kb / 11P
   UltraCMOS Digitally Tunable Capacitor
PE64102 PSEMI-PE64102 Datasheet
980Kb / 13P
   UltraCMOS Digitally Tunable Capacitor
PE64908 PSEMI-PE64908 Datasheet
371Kb / 10P
   UltraCMOS Digitally Tunable Capacitor
logo
Peregrine Semiconductor...
PE64905 PEREGRINE-PE64905 Datasheet
610Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64102 PEREGRINE-PE64102 Datasheet
999Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64101 PEREGRINE-PE64101 Datasheet
579Kb / 13P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
PE64904 PEREGRINE-PE64904 Datasheet
602Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
logo
Peregrine Semiconductor
PE64906 PSEMI-PE64906 Datasheet
374Kb / 11P
   UltraCMOS짰 Digitally Tunable Capacitor (DTC) 100 - 3000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com