전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT28C256H13A15 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 CAT28C256H13A15
상세설명  256 kb Parallel EEPROM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT28C256H13A15 데이터시트(HTML) 4 Page - ON Semiconductor

  CAT28C256H13A15 Datasheet HTML 1Page - ON Semiconductor CAT28C256H13A15 Datasheet HTML 2Page - ON Semiconductor CAT28C256H13A15 Datasheet HTML 3Page - ON Semiconductor CAT28C256H13A15 Datasheet HTML 4Page - ON Semiconductor CAT28C256H13A15 Datasheet HTML 5Page - ON Semiconductor CAT28C256H13A15 Datasheet HTML 6Page - ON Semiconductor CAT28C256H13A15 Datasheet HTML 7Page - ON Semiconductor CAT28C256H13A15 Datasheet HTML 8Page - ON Semiconductor CAT28C256H13A15 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CAT28C256
http://onsemi.com
4
Table 4. MODE SELECTION
Mode
CE
WE
OE
I/O
Power
Read
L
H
L
DOUT
ACTIVE
Byte Write (WE Controlled)
L
H
DIN
ACTIVE
Byte Write (CE Controlled)
L
H
DIN
ACTIVE
Standby and Write Inhibit
H
X
X
High−Z
STANDBY
Read and Write Inhibit
X
H
H
High−Z
ACTIVE
Table 5. CAPACITANCE (TA = 25°C, f = 1.0 MHz, VCC = 5 V)
Symbol
Test
Max
Conditions
Units
CI/O (Note 7)
Input/Output Capacitance
10
VI/O = 0 V
pF
CIN (Note 7)
Input Capacitance
6
VIN = 0 V
pF
7. This parameter is tested initially and after a design or process change that affects the parameter.
Table 6. A.C. CHARACTERISTICS, READ CYCLE (VCC = 5 V ±10%, unless otherwise specified.)
Symbol
Parameter
28C256−12
28C256−15
Units
Min
Max
Min
Max
tRC
Read Cycle Time
120
150
ns
tCE
CE Access Time
120
150
ns
tAA
Address Access Time
120
150
ns
tOE
OE Access Time
50
70
ns
tLZ (Note 8)
CE Low to Active Output
0
0
ns
tOLZ (Note 8)
OE Low to Active Output
0
0
ns
tHZ (Notes 8, 9)
CE High to High−Z Output
50
50
ns
tOHZ (Notes 8, 9)
OE High to High−Z Output
50
50
ns
tOH (Note 8)
Output Hold from Address Change
0
0
ns
8. This parameter is tested initially and after a design or process change that affects the parameter.
9. Output floating (High−Z) is defined as the state when the external data line is no longer driven by the output buffer.


유사한 부품 번호 - CAT28C256H13A15

제조업체부품명데이터시트상세설명
logo
Catalyst Semiconductor
CAT28C256H13A-12T CATALYST-CAT28C256H13A-12T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
logo
ON Semiconductor
CAT28C256H13A-12T ONSEMI-CAT28C256H13A-12T Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
logo
Catalyst Semiconductor
CAT28C256H13A-15T CATALYST-CAT28C256H13A-15T Datasheet
530Kb / 12P
   256K-Bit Parallel EEPROM
logo
ON Semiconductor
CAT28C256H13A-15T ONSEMI-CAT28C256H13A-15T Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
More results

유사한 설명 - CAT28C256H13A15

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT28C256LI12 ONSEMI-CAT28C256LI12 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256 ONSEMI-CAT28C256 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C256N-20 ONSEMI-CAT28C256N-20 Datasheet
154Kb / 14P
   256 kb Parallel EEPROM
December, 2009 ??Rev. 6
CAT28C257 ONSEMI-CAT28C257 Datasheet
143Kb / 13P
   256 kb CMOS Parallel EEPROM
December, 2009 ??Rev. 6
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT25256 ONSEMI-CAT25256_18 Datasheet
387Kb / 22P
   EEPROM Serial 256-Kb SPI
June, 2018 ??Rev. 11
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT25256 ONSEMI-CAT25256 Datasheet
187Kb / 16P
   256-Kb SPI Serial CMOS EEPROM
September, 2012 ??Rev. 7
CAT25256 ONSEMI-CAT25256_15 Datasheet
151Kb / 19P
   256-Kb SPI Serial CMOS EEPROM
June, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com