전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC34931 데이터시트(PDF) 8 Page - Freescale Semiconductor, Inc

부품명 MC34931
상세설명  34931 Industrial
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34931 데이터시트(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC34931 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34931 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34931
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions 5.0 V
≤ VPWR ≤ 28 V, -40 °C ≤ TA ≤ 85 °C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
TIMING CHARACTERISTICS
PWM Frequency(20)
fPWM
11
kHz
Maximum Switching Frequency During Current Limit Regulation(21)
fMAX
20
kHz
Output ON Delay(22)
VPWR = 14 V
tDON
18
μs
Output OFF Delay(22)
VPWR = 14 V
tDOFF
12
μs
ILIM Output Constant-OFF Time(23) (25)
tA
15
20.5
32
μs
ILIM Blanking Time(24) (25)
tB
12
16.5
27
μs
Disable Delay Time(26)
tDDISABLE
8.0
μs
Output Rise and Fall Time(27)
tF, tR
1.5
3.0
8.0
μs
Short-circuit/Overtemperature Turn-OFF (Latch-OFF) Time(28),(29)
tFAULT
8.0
μs
Power-ON Delay Time(29)
tPOD
1.0
5.0
ms
Output MOSFET Body Diode Reverse Recovery Time(29)
tRR
75
100
150
ns
Charge Pump Operating Frequency(29)
fCP
7.0
MHz
Notes
20.
The maximum PWM frequency should be limited to frequencies < 11 kHz in order to allow the internal high side driver circuitry time to
fully enhance the high side MOSFETs at a duty cycle range of 15 to 85%.
21.
The internal current limit circuitry produces a constant-OFF-time Pulse Width Modulation of the output current. The output load’s
inductance, capacitance, and resistance characteristics affect the total switching period (OFF-time + ON-time), and thus the PWM
frequency during current limit.
22.
* Output Delay is the time duration from 1.5 V on the IN1 or IN2 input signal to the 20% or 80% point (dependent on the transition direction)
of the OUT1 or OUT2 signal. If the output is transitioning HIGH-to-LOW, the delay is from 1.5 V on the input signal to the 80% point of
the output response signal. If the output is transitioning LOW-to-HIGH, the delay is from 1.5 V on the input signal to the 20% point of the
output response signal. See Figure 4, page 9.
23.
The time during which the internal constant-OFF time PWM current regulation circuit has tri-stated the output bridge.
24.
The time during which the current regulation threshold is ignored so the short-circuit detection threshold comparators may have time to
act.
25.
Parameter is Guaranteed By Characterization.
26.
* Disable Delay Time measurement is defined in Figure 5, page 9.
27.
Rise Time is from the 10% to the 90% level and Fall Time is from the 90% to the 10% level of the output signal with VPWR = 14 V,
RLOAD = 3.0 ohm. See Figure 6, page 9.
28.
Load currents ramping up to the current regulation threshold become limited at the ILIM value (see Figure 7). The short-circuit currents
possess a di/dt which ramps up to the ISCH or ISCL threshold during the ILIM blanking time, registering as a short-circuit event detection
and causing the shutdown circuitry to force the output into an immediate tri-state latch-OFF (see Figure 8). Operation in Current Limit
mode may cause junction temperatures to rise. Junction temperatures above ~160
°C causes the output current limit threshold to “fold
back”, or decrease, until ~175
°C is reached, after which the TLIM thermal latch-OFF occurs. Permissible operation within this fold back
region is limited to non-repetitive transient events of duration not to exceed 30 seconds (see Figure 9).
29.
Parameter is Guaranteed By Design.


유사한 부품 번호 - MC34931

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
MC34931EK NXP-MC34931EK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
MC34931SEK NXP-MC34931SEK Datasheet
284Kb / 2P
   Motor Driver Product Selector
2015-2016
More results

유사한 설명 - MC34931

제조업체부품명데이터시트상세설명
logo
Power System Technology
PST09 PST-PST09 Datasheet
251Kb / 4P
   Industrial
logo
General Electric Compan...
9440 GEC-9440 Datasheet
232Kb / 1P
   INDUSTRIAL
logo
Cherry Semiconductor Co...
G81-7040LUVEU-0 CHERRY-G81-7040LUVEU-0 Datasheet
154Kb / 2P
   INDUSTRIAL
logo
Power System Technology
FAB0402001 PST-FAB0402001 Datasheet
219Kb / 3P
   Industrial
logo
Red Lion Controls. Inc
VT-UIPM-431-H REDLION-VT-UIPM-431-H Datasheet
492Kb / 2P
   Industrial RTU
logo
Power System Technology
FAB9810012-16 PST-FAB9810012-16 Datasheet
216Kb / 3P
   Industrial / Medical
PST06 PST-PST06 Datasheet
285Kb / 4P
   Industrial / Transportation
PST20 PST-PST20 Datasheet
221Kb / 3P
   Industrial applications
logo
Analog Devices
HMC1040LP3CE AD-HMC1040LP3CE Datasheet
583Kb / 6P
   Industrial Sensors
logo
American Electronic Com...
DP6-OC AEC-DP6-OC Datasheet
50Kb / 2P
   industrial relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com