전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N4401 데이터시트(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

부품명 2N4401
상세설명  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
홈페이지  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

2N4401 데이터시트(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  2N4401 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2N4401
TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM :
0.625 W (Tamb=25
℃)
Collector current
ICM :
0.6
A
Collector-base voltage
V(BR)CBO : 60
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS ( Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=100
µA , I
E=0
60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC= 1mA ,
IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=100µA,
IC=0
6
V
Collector cut-off current
ICBO
VCB=50 V , IE=0
0.1
µA
Collector cut-off current
ICEO
VCE=35 V , IB=0
0.1
µA
Emitter cut-off current
IEBO
VEB=5V ,
IC=0
0.1
µA
DC current gain
hFE 1
VCE=1 V, IC= 150mA
100
300
Collector-emitter saturation voltage
VCE(sat)
IC=150 mA, IB=15mA
0.4
V
Base-emitter saturation voltage
VBE(sat)
IC= 150 mA, IB=15mA
0.95
V
Transition frequency
f T
VCE= 10V, IC= 20mA
f = 100MHz
250
MHz
1 2 3
TO-92
1.EMILTTER
2.BASE
3. COLLECTOR
2N4401
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


유사한 부품 번호 - 2N4401

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
2N4401 ONSEMI-2N4401 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
logo
Rectron Semiconductor
2N4401 RECTRON-2N4401 Datasheet
442Kb / 6P
   TO - 92 BIPOLAR TRANSISTORS TRANSISTOR(NPN)
logo
ON Semiconductor
2N4401 ONSEMI-2N4401 Datasheet
661Kb / 10P
   NPN General-Purpose Amplifier
September-2017, Rev. 2
logo
Central Semiconductor C...
2N4401 CENTRAL-2N4401 Datasheet
59Kb / 1P
   Small Signal Transistors TO-92 Case (Continued)
logo
Dc Components
2N4401 DCCOM-2N4401 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results

유사한 설명 - 2N4401

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com